| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
XB4BA33115
|
131Kb / 3P |
22mm push button, Harmony XB4, metal base. green full guard push button, 1NO contact, spring clamp terminals, marked clamp terminals, marked clamp terminals, marked I
Sep 28, 2021 |
|
ZB4BW333
|
382Kb / 13P |
Harmony, 22mm Push Button, illuminated push button head, flush, spring return, green, for integral LED
Oct 4, 2021 |
|
ZBVB3
|
135Kb / 3P |
Harmony, 22mm Push Button, light module, integral LED 24 VAC/DC, green, screw clamp terminals
Oct 28, 2021 |
|
ZBV18G4
|
136Kb / 3P |
Light block, Harmony XB4, Harmony XB5, red flashing for head 횠22 mm integral LED 120 V screw clamp terminals
Nov 1, 2021 |
|
ZBVG15
|
145Kb / 4P |
Light block, Harmony XB5, Harmony XB4, white for head 횠22 mm integral LED 110...120 V spring clamp terminals
Nov 1, 2021 |
|
ZBVG3
|
135Kb / 3P |
Harmony, 22mm Push Button, light module, integral LED 120 VAC, green, screw clamp terminals
Oct 28, 2021 |
|
ZC1BM102
|
142Kb / 3P |
Contact block, Harmony XB4, push button ZC1, screw clamp terminals
Oct 28, 2021 |
|
ZB2BE101
|
107Kb / 2P |
Harmony, 22mm Push Button, add on contact block, 1 NO, screw clamp terminal
Sep 20, 2021 |
|
ZB4BW343
|
167Kb / 8P |
Harmony, 22mm Push Button, illuminated push button head, flush, spring return, red, for integral LED
Aug 17, 2019 |
|
ZALVG1
|
137Kb / 3P |
white light block for head 횠22 integral LED 48..120 V - screw clamp terminals
Mar 16, 2022 |