Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC23CV232D Datasheet (PDF) - OKI electronic componets

MSC23CV232D Datasheet PDF - OKI electronic componets
Part # MSC23CV232D
Download  MSC23CV232D Download
File Size   80.15 Kbytes
Page   9 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE

MSC23CV232D Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC23CV232D Datasheet PDF - OKI electronic componets

Part # MSC23CV232D
Download  MSC23CV232D Click to download

File Size   80.15 Kbytes
Page   9 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE

MSC23CV232D Datasheet (HTML) - OKI electronic componets


MSC23CV232D Product details

DESCRIPTION
The MSC23CV232D-xxBS4 is a fully decoded, 2,097,152-word x 32-bit CMOS dynamic random access memory module composed of four 16Mb DRAMs (2Mx8) in TSOP packages mounted with four decoupling capacitors on a 72-pin glass epoxy small outline package. This module supports any application where high density and large capacity of storage memory are required.

FEATURES
• 2,097,152-word x 32-bit organization
• 72-pin Small Outline Dual In-line Memory module
    MSC23CV232D-xxBS4 : Gold tab
• Single +3.3V supply ± 0.3V tolerance
• Input : LVTTL compatible
• Output : LVTTL compatible, 3-state
• Refresh : 2048cycles/32ms
• /CAS before /RAS refresh, hidden refresh, /RAS only refresh capability
• Fast page mode capability
• Multi-bit test mode capability




Similar Part No. - MSC23CV232D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23CV23218D-60BS4 OKI-MSC23CV23218D-60BS4 Datasheet
79Kb / 9P
2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23CV23218D-70BS4 OKI-MSC23CV23218D-70BS4 Datasheet
79Kb / 9P
2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23CV23218D-XXBS4 OKI-MSC23CV23218D-XXBS4 Datasheet
79Kb / 9P
2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23CV23257A OKI-MSC23CV23257A Datasheet
64Kb / 10P
2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257A-XXBS4 OKI-MSC23CV23257A-XXBS4 Datasheet
64Kb / 10P
2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results


Similar Description - MSC23CV232D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC2323258D OKI-MSC2323258D Datasheet
44Kb / 9P
2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23B2321D OKI-MSC23B2321D Datasheet
43Kb / 9P
2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23B236D OKI-MSC23B236D Datasheet
46Kb / 9P
2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23CV23218D-XXBS4 OKI-MSC23CV23218D-XXBS4 Datasheet
79Kb / 9P
2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23CV23257D-XXBS4 OKI-MSC23CV23257D-XXBS4 Datasheet
80Kb / 9P
2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23268D-XXBS4 OKI-MSC23CV23268D-XXBS4 Datasheet
80Kb / 9P
2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26418TD-XXBS8 OKI-MSC23V26418TD-XXBS8 Datasheet
93Kb / 10P
2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23232D-XXBS4 OKI-MSC23232D-XXBS4 Datasheet
78Kb / 9P
2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23240D-XXBS20 OKI-MSC23240D-XXBS20 Datasheet
91Kb / 9P
2,097,152-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23232D-XXBS16 OKI-MSC23232D-XXBS16 Datasheet
82Kb / 9P
2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com