Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC23136DS10 Datasheet (PDF) - OKI electronic componets

SC23136DS10 Datasheet PDF - OKI electronic componets
Part # SC23136DS10
Download  SC23136DS10 Download
File Size   83.67 Kbytes
Page   9 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1,048,576-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE

SC23136DS10 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC23136DS10 Datasheet PDF - OKI electronic componets

Part # SC23136DS10
Download  SC23136DS10 Click to download

File Size   83.67 Kbytes
Page   9 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1,048,576-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE

SC23136DS10 Datasheet (HTML) - OKI electronic componets


SC23136DS10 Product details

DESCRIPTION
The MSC23136D/DL-xxBS10/DS10 is a fully decoded, 1,048,576-word x 36-bit CMOS dynamic random access memory module composed of eight 4Mb DRAMs in SOJ packages and two 2Mb DRAMs in SOJ packages mounted with ten decoupling capacitors on a 72-pin glass epoxy single-inline package. This module supports any application where high density and large capacity of storage memory are required. The MSC23136DL (the low-power version) is specially designed for lower-power applications.

FEATURES
• 1,048,576-word x 36-bit organization
• 72-pin socket insertable module
    MSC23136D/DL-xxBS10 : Gold tab
    MSC23136D/DL-xxDS10 : Solder tab
• Single +5V supply ± 10% tolerance
• Input : TTL compatible
• Output : TTL compatible, 3-state
• Refresh : 1024cycles/16ms (1024cycles/128ms: L-version)
• /CAS before /RAS refresh, hidden refresh, /RAS only refresh capability
• Fast page mode capability
• Multi-bit test mode capability




Similar Part No. - SC23136DS10

ManufacturerPart #DatasheetDescription
logo
SHENZHEN CHISIC MICROEL...
SC2313 CHISIC-SC2313 Datasheet
286Kb / 1P
Digitally controlled stereo audio processor with loudness
logo
SHENZHEN FUMAN ELECTRON...
SC2313L FUMAN-SC2313L Datasheet
255Kb / 14P
Four-channel sound quality processor
SC2313L FUMAN-SC2313L Datasheet
574Kb / 19P
Four-channel audio processor
SC2313LD FUMAN-SC2313LD Datasheet
255Kb / 14P
Four-channel sound quality processor
SC2313LD FUMAN-SC2313LD Datasheet
574Kb / 19P
Four-channel audio processor
More results


Similar Description - SC23136DS10

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23B136D OKI-MSC23B136D Datasheet
298Kb / 9P
1,048,576 Word By 36 Bit DYNAMIC RAM MODULE : FAST PAGE MODE
MSM5116160D OKI-MSM5116160D Datasheet
526Kb / 17P
1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160A OKI-MSM5118160A Datasheet
605Kb / 8P
1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160B OKI-MSM5118160B Datasheet
253Kb / 16P
1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160D OKI-MSM5118160D Datasheet
526Kb / 17P
1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSC23132D OKI-MSC23132D Datasheet
82Kb / 9P
1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23137D-XXBS9 OKI-MSC23137D-XXBS9 Datasheet
84Kb / 9P
1,048,576-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23140D-XXBS10 OKI-MSC23140D-XXBS10 Datasheet
84Kb / 9P
1,048,576-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23B1321D OKI-MSC23B1321D Datasheet
76Kb / 9P
1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSM512200 OKI-MSM512200 Datasheet
475Kb / 17P
1,048,576-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com