Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INF8574 Datasheet (PDF) - Integral Corp.

INF8574 Datasheet PDF - Integral Corp.
Part # INF8574
Download  INF8574 Download
File Size   254.59 Kbytes
Page   10 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description silicon CMOS circuit

INF8574 Datasheet (PDF)

Go To PDF Page Download Datasheet
INF8574 Datasheet PDF - Integral Corp.

Part # INF8574
Download  INF8574 Click to download

File Size   254.59 Kbytes
Page   10 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description silicon CMOS circuit

INF8574 Datasheet (HTML) - Integral Corp.


INF8574 Product details

GENERAL DESCRIPTION

The INF8574 is a silicon CMOS circuit. It provides general purpose remote I/O expansion for most microcontroller families via the two-line bidirectional bus (I2C). The device consists of an 8-bit quasi-bidirectional Port and an I2C interface. The INF8574 has a low current consumption and includes latched outputs with high current drive capability for directly driving LEDs. It also possesses an interrupt line (INT) which can be connected to the interrupt logic of the microcontroller. By sending an interrupt signal on this line, the remote I/O can inform the microcontroller if there is incoming data on its ports without having to communicate via the I2C-bus. This means that the INF8574 can remain a simple slave device.



FEATURES

Operating supply voltage 2.5 to 6 V

Low standby current consumption of 10 A maximum

I2C to parallel port expander

Open-drain interrupt output

8-bit remote I/O Port for the I2C-bus

Compatible with most microcontrollers

Latched outputs with high current drive capability for directly driving LEDs

Address by 3 hardware address pins for use of up to 8 devices (up to 16 with INF8574A)

DIP16, space-saving SO16 or SSOP20 package.




Similar Part No. - INF8574

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
INF8574 IKSEMICON-INF8574 Datasheet
384Kb / 11P
Compatible with most microcontrollers
INF8574A IKSEMICON-INF8574A Datasheet
384Kb / 11P
Operating supply voltage 2.5 to 6 V
More results


Similar Description - INF8574

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC367P TOSHIBA-TC74AC367P Datasheet
261Kb / 6P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC55V16100FT-10 TOSHIBA-TC55V16100FT-10 Datasheet
427Kb / 8P
MOS DIGITAL INTEGRATED CIRCUIT SILICON CMOS
TC74AC32FT TOSHIBA-TC74AC32FT Datasheet
253Kb / 6P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74AC126P TOSHIBA-TC74AC126P Datasheet
278Kb / 6P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC9321F-009 TOSHIBA-TC9321F-009 Datasheet
231Kb / 5P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
logo
List of Unclassifed Man...
TC40102BP ETC1-TC40102BP Datasheet
423Kb / 9P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
logo
KODENSHI_AUK CORP.
KKF8574 KODENSHI-KKF8574 Datasheet
423Kb / 11P
silicon CMOS circuit.
logo
Toshiba Semiconductor
TC7WH74FU TOSHIBA-TC7WH74FU_01 Datasheet
246Kb / 7P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WH126FU TOSHIBA-TC7WH126FU_01 Datasheet
249Kb / 8P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com