Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IZ8005 Datasheet (PDF) - Integral Corp.

IZ8005 Datasheet PDF - Integral Corp.
Part # IZ8005
Download  IZ8005 Download
File Size   234.14 Kbytes
Page   6 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description CLINICAL THERMOMETER

IZ8005 Datasheet (PDF)

Go To PDF Page Download Datasheet
IZ8005 Datasheet PDF - Integral Corp.

Part # IZ8005
Download  IZ8005 Click to download

File Size   234.14 Kbytes
Page   6 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description CLINICAL THERMOMETER

IZ8005 Datasheet (HTML) - Integral Corp.


IZ8005 Product details

General Description
The IZ8005 is a CMOS digital clinical thermometer IC for measuring body temperature from 32.00°C~43.00°C. It also provides alarm, self-test, auto power off and last time measured temperature functions. The other electronic components are LCD display, thermister, 1.5V battery, ON/OFF switch, buzzer, resistors and capacitors.

Features
• Single-chip CMOS construction
• Single 1.5V battery operation
• Measurement range: +32.00°C ~ +43.00°C
    Measurement accuracy: ±0.1°C
    Resolution: 0.01°C
• Auto self-test
• Alarm warning for fever
• Highest temperature hold
• Auto power off after 8 min 40 sec
• One-key input switch for ON/OFF
• Displays last time measured temperature




Similar Part No. - IZ8005

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IZ8016 INTEGRAL-IZ8016 Datasheet
130Kb / 4P
3.5 DIGIT THERMOMETER
logo
List of Unclassifed Man...
IZ8018 ETC-IZ8018 Datasheet
136Kb / 5P
MULTI MELODY GENERATOR
IZ8057 ETC-IZ8057 Datasheet
72Kb / 7P
MULTI MELODY GENERATOR WITH ACCOMPANEMENT
More results


Similar Description - IZ8005

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7500 HOLTEK-HT7500 Datasheet
94Kb / 8P
Clinical Thermometer
August 8, 2000
HT7501 HOLTEK-HT7501 Datasheet
238Kb / 7P
Clinical Thermometer
8th Feb 99
HT7510 HOLTEK-HT7510 Datasheet
331Kb / 8P
Clinical Thermometer
10th Feb 99
logo
List of Unclassifed Man...
JA31106 ETC-JA31106 Datasheet
154Kb / 7P
One-Decimal Clinical Thermometer
logo
Holtek Semiconductor In...
HT7500 HOLTEK-HT7500_01 Datasheet
112Kb / 7P
Clinical Thermometer
November 27, 2001
logo
Fortune Semiconductor C...
FS9168-001 FORTUNE-FS9168-001 Datasheet
1Mb / 18P
FS9168 standard code for digital clinical thermometer application
FS9168-015 FORTUNE-FS9168-015 Datasheet
1Mb / 18P
FS9168 standard code for digital clinical thermometer application
logo
SHENZHEN FUMAN ELECTRON...
TC31106D FUMAN-TC31106D Datasheet
324Kb / 7P
One-Decimal Clinical Thermometer
logo
Advantech Co., Ltd.
PAX-121 ADVANTECH-PAX-121 Datasheet
646Kb / 3P
21.5" Clinical Display
8-Nov-2022
PAX-124 ADVANTECH-PAX-124 Datasheet
650Kb / 3P
23.8" Clinical Display
8-Nov-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com