Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6889 Datasheet (PDF) - OKI electronic componets

MSM6889 Datasheet PDF - OKI electronic componets
Part # MSM6889
Download  MSM6889 Download
File Size   173.2 Kbytes
Page   21 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Multi-Function Telecommunication LSI

MSM6889 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM6889 Datasheet PDF - OKI electronic componets

Part # MSM6889
Download  MSM6889 Click to download

File Size   173.2 Kbytes
Page   21 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Multi-Function Telecommunication LSI

MSM6889 Datasheet (HTML) - OKI electronic componets


MSM6889 Product details

GENERAL DESCRIPTION
The MSM6889 is best suited to be used as a signal transmitter/receiver LSI for a telemetering system that employs a no-ringing communication system.

FEATURES
• Power supply : +5 V ±10%, +2.5 V or higher for digital interface.
• Power consumption Operating mode : 9 mA Typ., 12 mA Max. Power down mode : 0.1 mA Max.
• The operating mode can be selected from PB tone transmit, PB tone detect, and FSK modem (answer/originate). The FSK modem cannot be operated concurrently with other functions. Modem test modes are also available.
• The call progress tone (CPT) detector operates in PB tone transmit mode or in FSK modem mode.
• PB receiver output is 3-state, and externally connectable to 4-bit input for PB tone generator through the bus line.
• Modem transmit/receive data, carrier detect, request to send, and call progress tone detect have their dedicated pins.
• Prefilter and smoothing filter are provided in analog input and output.
• On-chip 3.579545 MHz crystal oscillator
• 3.579545 MHz master clock output pin (CMOS compatible)
• Power down mode
• Modem : Conforms to ITU-T V.21 (300 bps, full-duplex)
• Transmit analog signals (modem signal, DTMF tone) : Level is independently adjustable externally. Carrier detect level is also adjustable externally.
• Package options:
    42-pin plastic DIP (DIP42-P-600-2.54) (Product name : MSM6889RS)
    56-pin plastic QFP (QFP56-P-1519-1.00-K) (Product name : MSM6889GS–K)




Similar Part No. - MSM6889

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6882-3 OKI-MSM6882-3 Datasheet
119Kb / 15P
2400/1200 bps Single Chip MSK Modem
MSM6882-5 OKI-MSM6882-5 Datasheet
119Kb / 15P
2400/1200 bps Single Chip MSK Modem
More results


Similar Description - MSM6889

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7715 OKI-MSM7715 Datasheet
150Kb / 21P
Multi-Function Telecommunication LSI
logo
Panasonic Semiconductor
MN66710 PANASONIC-MN66710 Datasheet
197Kb / 19P
Full-Function DAB Receiver LSI
logo
Toshiba Semiconductor
TC9134P TOSHIBA-TC9134P Datasheet
1Mb / 18P
32-FUNCTION REMOTE CONTROL RECEIVING LSI
logo
Mitsubishi Electric Sem...
MF-10KSXA MITSUBISHI-MF-10KSXA Datasheet
122Kb / 1P
10Gb/s, XFP Transceiver with DDM function for Telecommunication
logo
Vectron International, ...
C1209 VECTRON-C1209 Datasheet
71Kb / 4P
Telecommunication 5x3.2 ceramic oscillator Universal Clock Enable Function
C1259 VECTRON-C1259 Datasheet
72Kb / 4P
Telecommunication 5x7 ceramic oscillator Universal Clock Enable Function
logo
List of Unclassifed Man...
BA1R ETC2-BA1R Datasheet
570Kb / 4P
Multi-function or mono-function
BL1R ETC2-BL1R Datasheet
611Kb / 3P
Multi-function or mono-function
BM1R ETC2-BM1R Datasheet
772Kb / 4P
Multi-function or mono-function
BM2R ETC2-BM2R Datasheet
774Kb / 4P
Multi-function or mono-function
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com