Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62499 Datasheet (PDF) - Mitsubishi Electric Semiconductor

M62499 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M62499
Download  M62499 Download
File Size   289.85 Kbytes
Page   19 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SOUND CONTROLLER WITH T-BASS and BBE

M62499 Datasheet (PDF)

Go To PDF Page Download Datasheet
M62499 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M62499
Download  M62499 Click to download

File Size   289.85 Kbytes
Page   19 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SOUND CONTROLLER WITH T-BASS and BBE

M62499 Datasheet (HTML) - Mitsubishi Electric Semiconductor


M62499 Product details

Dynamic bass boost/Sound processor with BBE

DESCRIPTION
Home Audio,Radio-Cassette,TV,etc.

FEATURES
<DYNAMIC BASS BOOST FUNCTION>
● It is adaptable to the input level and the maximum boost quantity change.
● It is possible to change five maximum boost quantity modes.
   <+20dB,+15dB,+10dB,+5dB,flat>
<HIGH DEFINITION SOUND FUNCTION>
● Build-in BBE Sound (Low level=fixation/High level=3 steps can be changed.)
<INPUT SELECTOR>
● 5ch stereo input change.
<TONE CONTROL>
● BASS/TREBLE(±10dB,8dB,6dB,4dB,2dB,flat;2dB/Step)
<GAIN CONTROL>
● The passage profit variableness (0dB~+14dB:2dB step)
<FUNCTION MODE SELECTOR FUNCTION>
● Monaural (L,R,L+R),Vocal cut
<ELECTRONIC VOLUME FUNCTION>
● 0dB~ -87dB, -∞ ;1dB/step
<EXTENSION PORT OUTPUT FUNCTION>
● Eight output ports(Six pieces of NPN open collector output,Two pieces of three state output)




Similar Part No. - M62499

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62490FP MITSUBISHI-M62490FP Datasheet
97Kb / 10P
ELECTRIC VOLUME CONTROL WITH TONE CONTROLLER FOR 4-SPEAKER APPLICATIONS
logo
Renesas Technology Corp
M62490FP RENESAS-M62490FP Datasheet
123Kb / 11P
Electric Volume Control with Tone Controller for 4-Speaker Applications
logo
Mitsubishi Electric Sem...
M62492 MITSUBISHI-M62492 Datasheet
440Kb / 23P
DIGITAL SOUND CONTROLLER WITH SURROUND
M62492FP MITSUBISHI-M62492FP Datasheet
440Kb / 23P
DIGITAL SOUND CONTROLLER WITH SURROUND
M62493FP MITSUBISHI-M62493FP Datasheet
578Kb / 18P
DIGITAL SOUND CONTROLLER
More results


Similar Description - M62499

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62445FP MITSUBISHI-M62445FP Datasheet
218Kb / 17P
DIGITAL SOUND CONTROLLER WITH DYNAMIC BASS BOOST
logo
Rohm
BD3860K ROHM-BD3860K Datasheet
295Kb / 27P
Built-in BBE Audio sound controller
BH3868BFS ROHM-BH3868BFS Datasheet
239Kb / 28P
Audio sound processor with BBE
logo
New Japan Radio
NJW1164 NJRC-NJW1164 Datasheet
568Kb / 27P
AUDIO PROCESSOR with BBE
logo
Mitsubishi Electric Sem...
M62498AFP MITSUBISHI-M62498AFP Datasheet
272Kb / 17P
DIGITAL SOUND CONTROLLER WITH SURROUND
logo
Renesas Technology Corp
R2S15903SP RENESAS-R2S15903SP Datasheet
303Kb / 12P
Sound Controller with Surround and AGC
logo
New Japan Radio
NJW1169 NJRC-NJW1169 Datasheet
314Kb / 28P
AUDIO PROCESSOR with BBE Sound Enhancement & Passive Matrix TruSurround Virtualizer & TruBass
logo
Renesas Technology Corp
M62436FP RENESAS-M62436FP Datasheet
155Kb / 12P
SRS Sound Controller with SRS FOCUS, SRS Surround Sound On-Chip Sound Controller
logo
ATMEL Corporation
AT85C51SND3B ATMEL-AT85C51SND3B_14 Datasheet
2Mb / 271P
3-band EQ and Bass Boost and 3D Sound Effects
logo
Generalplus Technology ...
GPC11A24B1 GENERALPLUS-GPC11A24B1 Datasheet
466Kb / 15P
Sound Controller with 1MB ROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com