Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML67Q4002 Datasheet (PDF) - OKI electronic componets

ML67Q4002 Datasheet PDF - OKI electronic componets
Part # ML67Q4002
Download  ML67Q4002 Download
File Size   193.44 Kbytes
Page   24 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 32-bit ARM-Based General-Purpose Microcontroller

ML67Q4002 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML67Q4002 Datasheet PDF - OKI electronic componets

Part # ML67Q4002
Download  ML67Q4002 Click to download

File Size   193.44 Kbytes
Page   24 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 32-bit ARM-Based General-Purpose Microcontroller

ML67Q4002 Datasheet (HTML) - OKI electronic componets


ML67Q4002 Product details

GENERAL DESCRIPTION
The ML674001, ML67Q4002, and ML67Q4003 microcontrollers (MCUs) are the members of an extensive and growing family of 32-bit ARM®-based standard products for general-purpose applications that require 32-bit CPU performance and low cost afforded by MCU integrated features.

FEATURES
• CPU
    32-bit RISC CPU (ARM7TDMI)
        32-bit instructions (ARM Instructions) and 16-bit instructions (Thumb Instructions) mixed
        General purpose registers : 31 x 32 bits
        Built-in Barrel shifter and multiplier (32 bit x 8 bit, Modified Booth’s Algorithm)
        Little endian
        Built-in debug function
• Internal memory
    RAM 32KB (32-bit access)
    FLASH (16-bit access)
        ML674001 : ROM-less version
        ML67Q4002 : 256Kbytes
        ML67Q4003 : 512Kbytes
• External memory controller
    ROM (FLASH): 16 Mbytes
    SRAM: 16 Mbytes
    DRAM: 64 Mbytes (SDRAM and EDO-DRAM support)
    External IO devices: 16 Mbytes x 2 banks, 4 Chip select pins
                                      Wait control input signal for each bank
                                      Independent programmable wait settings for each bank
• Interrupt controller
    28 sources: 23 internals and 5 externals (IRQ: 4, FIQ: 1)
• DMA controller
    2 channels: Dual address mode, cycle steal and burst tranfer mode
• Timer
    1 channel: 16-bit auto reload for operating system
    6 channels: 16-bit auto reload for application
    1 channel: 16 bit watchdog timer
• Serial interface
    1 channel: UART
    1 channel: UART with 16-byte FIFO
    1 channel: synchronous
    1 channel: I2C (single master)
• Parallel I/O Port
    4 ports x 8 bits (bitwise input/output settings)
    1 port x 10 bit (bitwise input/output settings)
• PWM
    2 channels x 16 bits
• Analog-to-Digital Converter
    4 channels x 10 bits
• Power down mechanism
    Standby (all clock stop) and Halt (clock stop by each function block)
    Clock gear (selectable 1/1, 1/2, 1/4, 1/8, 1/16 input clock frequency)
• JTAG interface
    Connectable to JTAG ICE
• Power supply voltage
    Core section: 2.25 V to 2.75 V
    IO section: 3.0 V to 3.6 V
    Analog section: 3.0 V to 3.6 V
• Operating frequency
    1-33 MHz
• Operating temperature (ambient temperature)
    –40°C to +85°C
• Package
    144-pin plastic LQFP (LQFP144-P-2020-0.50)
    144-pin plastic LFBGA (P-LFBGA144-1111-0.80)




Similar Part No. - ML67Q4002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML67Q4050 ETC2-ML67Q4050 Datasheet
545Kb / 37P
32-bit General-Purpose ARM-Based Microcontroller
ML67Q4050 ETC2-ML67Q4050 Datasheet
545Kb / 37P
32-bit General-Purpose ARM-Based Microcontroller
ML67Q4051 ETC2-ML67Q4051 Datasheet
545Kb / 37P
32-bit General-Purpose ARM-Based Microcontroller
ML67Q4051 ETC2-ML67Q4051 Datasheet
545Kb / 37P
32-bit General-Purpose ARM-Based Microcontroller
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
32-bit General-Purpose ARM-Based Microcontroller
More results


Similar Description - ML67Q4002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMS30C7210 ETC-HMS30C7210 Datasheet
2Mb / 337P
ARM Based 32-Bit Microprocessor
logo
OKI electronic componet...
ML675001 OKI-ML675001 Datasheet
196Kb / 24P
32-bit ARM-Based General-Purpose Microcontroller
ML674000 OKI-ML674000 Datasheet
192Kb / 24P
32-bit General-purpose, ARM-based Microcontroller
logo
Winbond
W90N745CD WINBOND-W90N745CD Datasheet
2Mb / 422P
16/32-bit ARM microcontroller
W90P710 WINBOND-W90P710_05 Datasheet
2Mb / 526P
16/32-bit ARM microcontroller
logo
List of Unclassifed Man...
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
32-bit General-Purpose ARM-Based Microcontroller
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
32-bit General-Purpose ARM-Based Microcontroller
XPT32P001 ETC2-XPT32P001 Datasheet
345Kb / 1P
ARM-based 32-bit MCU
logo
Microchip Technology
SAMD21G MICROCHIP-SAMD21G Datasheet
3Mb / 59P
32-bit ARM-Based Microcontrollers
2017
SAM9G20 MICROCHIP-SAM9G20 Datasheet
2Mb / 798P
32-BIT ARM-BASED MICROPROCESSORS
2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com