Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDPC5030SG Datasheet (PDF) - ON Semiconductor

FDPC5030SG Datasheet PDF - ON Semiconductor
Part # FDPC5030SG
Download  FDPC5030SG Download
File Size   485.23 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Dual N-Channel, Asymmetric, POWERTRENCH Power Clip 30 V

FDPC5030SG Datasheet (PDF)

Go To PDF Page Download Datasheet
FDPC5030SG Datasheet PDF - ON Semiconductor

Part # FDPC5030SG
Download  FDPC5030SG Click to download

File Size   485.23 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Dual N-Channel, Asymmetric, POWERTRENCH Power Clip 30 V

FDPC5030SG Datasheet (HTML) - ON Semiconductor


FDPC5030SG Product details

General Description
This device includes two specialized N-Channel MOSFETs in
a dual package. The switch node has been internally connected to
enable easy placement and routing of synchronous buck converters.
The control MOSFET (Q1) and synchronous SyncFET (Q2) have
been designed to provide optimal power efficiency.

Features
Q1: N-Channel
• Max RDS(on) = 5.0 m at VGS = 10 V, ID = 17 A
• Max RDS(on) = 6.5 m at VGS = 4.5 V, ID = 14 A
Q2: N-Channel
• Max RDS(on) = 2.4 m at VGS = 10 V, ID = 25 A
• Max RDS(on) = 3.0 m at VGS = 4.5 V, ID = 22 A
• Low Inductance Packaging Shortens Rise/Fall Times, Resulting in
Lower Switching Losses.
• MOSFET Integration Enables Optimum Layout for Lower Circuit
Inductance and Reduced Switch Node Ringing.
• RoHS Compliant

Applications
• Computing
• Communications
• General Purpose Point of Load




Similar Part No. - FDPC5030SG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPC5018SG FAIRCHILD-FDPC5018SG Datasheet
341Kb / 12P
PowerTrench® Power Clip 30V Asymmetric Dual N-Channel MOSFET
Rev.1.1 September 2015
More results


Similar Description - FDPC5030SG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPC8013S FAIRCHILD-FDPC8013S Datasheet
509Kb / 12P
PowerTrench짰 Power Clip 30 V Asymmetric Dual N-Channel MOSFET
FDMS3606AS FAIRCHILD-FDMS3606AS Datasheet
588Kb / 15P
PowerTrench Power Stage 30 V Asymmetric Dual N-Channel MOSFET
FDPC8012S FAIRCHILD-FDPC8012S Datasheet
563Kb / 15P
PowerTrench Power Clip 25V Asymmetric Dual N-Channel MOSFET
logo
ON Semiconductor
FDMS001N025DSD ONSEMI-FDMS001N025DSD Datasheet
451Kb / 13P
PowerTrench Power Clip 25 V Asymmetric Dual N?묬hannel MOSFET
October, 2017 ??Rev. 0
FDMS1D2N03DSD ONSEMI-FDMS1D2N03DSD Datasheet
460Kb / 13P
POWERTRENCH Power Clip 30 V Asymmetric Dual N?륝hannel MOSFETs
May, 2018 ??Rev. 5
FDPC8014AS ONSEMI-FDPC8014AS Datasheet
555Kb / 12P
MOSFET ??Dual, N-Channel, POWERTRENCH, Power Clip, Asymmetric 25 V
December, 2020 - Rev. 2
FDPC8016S ONSEMI-FDPC8016S Datasheet
353Kb / 12P
MOSFET - Dual N?륝hannel, Asymmetric, POWERTRENCH Power Clip 25 V
November, 2019 - Rev. 6
NTTFD1D8N02P1E ONSEMI-NTTFD1D8N02P1E Datasheet
483Kb / 11P
MOSFET - Power, N-Channel PowerTrench Power Clip 25 V Asymmetric Dual
February, 2020 ??Rev. 1
NTMFD1D1N02X ONSEMI-NTMFD1D1N02X Datasheet
386Kb / 11P
MOSFET - Power, Dual, N-Channel, Power Clip, POWERTRENCH, Asymmetric 25 V
July, 2022 - Rev. 0
logo
Fairchild Semiconductor
FDPC5018SG FAIRCHILD-FDPC5018SG Datasheet
341Kb / 12P
PowerTrench® Power Clip 30V Asymmetric Dual N-Channel MOSFET
Rev.1.1 September 2015
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com