Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM586 Datasheet (PDF) - OKI electronic componets

MSM586 Datasheet PDF - OKI electronic componets
Part # MSM586
Download  MSM586 Download
File Size   175.95 Kbytes
Page   24 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Built-in 16 bit PWM and 8 bit A/D Converter, High-speed High-preformance 16 bit Microcontroller

MSM586 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM586 Datasheet PDF - OKI electronic componets

Part # MSM586
Download  MSM586 Click to download

File Size   175.95 Kbytes
Page   24 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Built-in 16 bit PWM and 8 bit A/D Converter, High-speed High-preformance 16 bit Microcontroller

MSM586 Datasheet (HTML) - OKI electronic componets


MSM586 Product details

GENERAL DESCRIPTION
MSM66585/586/587 are high-performance CMOS 16-bit microcontrollers that integrate a 16- bit CPU, ROM, RAM, 8-bit A/D converter, serial port, timers, and PWM. They also allow ROM and RAM to be expanded externally.
The MSM66P587 is of OTP (One-Time PROM) version and the MSM66Q587 is of Flash EEPROM version.

FEATURES
• Powerful instruction set
    Instruction set superior in orthogonal matrics
    8/16-bit arithmetic instructions
    Multiply/divide instructions
    Bit manipulation instructions
    Bit logical operation instructions
    ROM table reference instructions
• Abandant addressing modes
    Register addressing
    Page addressing
    Pointer register indirect addressing
    Stack addressing
    Immediate addressing
• Minimum instruction cycle
    100 ns at 20 MHz (4.5V-5.5V)
    200 ns at 10 MHz (2.7V-5.5V)
• Program memory (ROM)
    Internal: 64 KB (M66587/M66P587/M66Q587), 48 KB (M66585/586)
    External: 1 MB, EA pin active
• Data memory (RAM)
    Internal: 2 KB
    External: 1022 KB
• I/O ports
    Analog input-only port: 4 lines (test pins for M66585)
    Input/output port: Maximum 80 lines (40 lines with programmable pull-up)
• Timers
    Free-running counter: 16-bit · 1
    Realtime output: 16-bit · 2
    General autoreload timer: 8-bit · 1
• 16-bit PWM
    Input clock divider: 1 divider
• 8-bit serial port
    Synchronous with BRG: 1 port
• A/D converter
    8-bit resolution: 4 channels
• Interrupts
    Non-maskable: 1 interrupt
    Maskable: 9 internal, 4 external (12 vectors)
    3-level priority
• ROM window function
• Standby modes
    Halt mode
    Stop mode
• Package
    100-pin TQFP (TQFP100-P-1414-0.50-K) (Product name : MSM66585TS-K)
                                                                       (Product name : MSM66586TS-K)
                                                                       (Product name : MSM66587TS-K)
                                                                       (Product name : MSM66P587TS-K)
                                                                       (Product name : MSM66Q587TS-K)




Similar Part No. - MSM586

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSM5865SEV ETC1-MSM5865SEV Datasheet
37Kb / 1P
MICROSPACE MSM586 PC/104 Processor Board with LAN VGA/LCD
logo
ADL Embedded Solutions
MSM586SEG ADL-MSM586SEG Datasheet
224Kb / 2P
133MHz, 0MB SDRAM
MSM586SEL ADL-MSM586SEL Datasheet
224Kb / 2P
133MHz, 0MB SDRAM
MSM586SEN ADL-MSM586SEN Datasheet
224Kb / 2P
133MHz, 0MB SDRAM
MSM586SL ADL-MSM586SL Datasheet
203Kb / 2P
Soldered 32MB SDRAM (64MB)
More results


Similar Description - MSM586

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM64431 OKI-MSM64431 Datasheet
519Kb / 10P
Built-in 8-Bit A/D Converter 4-Bit Microcontroller
logo
Analog Devices
AD1316 AD-AD1316 Datasheet
573Kb / 8P
Complete, High Speed 16-Bit A/D Converter
logo
Linear Technology
LTC1099 LINER-LTC1099 Datasheet
1Mb / 16P
High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
logo
List of Unclassifed Man...
SPT1018 ETC1-SPT1018 Datasheet
160Kb / 11P
8-BIT, HIGH SPEED D/A CONVERTER
logo
Integrated Circuit Syst...
MN3014 ICST-MN3014 Datasheet
616Kb / 2P
High-speed 8-bit D/A Converter
logo
List of Unclassifed Man...
SPT1019 ETC2-SPT1019 Datasheet
801Kb / 12P
8-BIT, HIGH SPEED D/A CONVERTER
logo
ADL Embedded Solutions
104-AIO16-16W ADL-104-AIO16-16W Datasheet
458Kb / 2P
16-bit, High-Speed, 16-channel A/D with 12-bit D/A
logo
Linear Integrated Syste...
LTC1099CSW LINEAR-LTC1099CSW Datasheet
185Kb / 16P
High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
logo
API Technologies Corp
MN3014 APITECH-MN3014 Datasheet
620Kb / 2P
High-speed 8-bit D/A Converter
logo
Linear Technology
LTC1099 LINER-LTC1099_15 Datasheet
204Kb / 16P
High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com