Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL1CS7220SP Datasheet (PDF) - Schneider Electric

DL1CS7220SP Datasheet PDF - Schneider Electric
Part # DL1CS7220SP
Download  DL1CS7220SP Download
File Size   124.37 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description orange neon bulb for signalling - BA 9s - 220/240 V

DL1CS7220SP Datasheet (PDF)

Go To PDF Page Download Datasheet
DL1CS7220SP Datasheet PDF - Schneider Electric

Part # DL1CS7220SP
Download  DL1CS7220SP Click to download

File Size   124.37 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description orange neon bulb for signalling - BA 9s - 220/240 V

DL1CS7220SP Datasheet (HTML) - Schneider Electric




Similar Part No. - DL1CS7220SP

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DL1CB006 SCHNEIDER-DL1CB006 Datasheet
147Kb / 2P
clear incandescent bulb with BA9s base - 6 V / 1.2 W
Nov 22, 2021
DL1CD0061 SCHNEIDER-DL1CD0061 Datasheet
119Kb / 2P
Harmony XB4, LED bulb, BA 9s, white, 6 V
Nov 22, 2021
DL1CD0063 SCHNEIDER-DL1CD0063 Datasheet
120Kb / 2P
LED bulb with BA9s base - green - 6 V / 1.2 W
Nov 22, 2021
DL1CE012 SCHNEIDER-DL1CE012 Datasheet
95Kb / 2P
clear incandescent bulb with BA9s base - 12 V / 2.6 W
Nov 22, 2021
DL1CE024 SCHNEIDER-DL1CE024 Datasheet
147Kb / 2P
Harmony XB4, Incandescent bulb, BA 9s, clear, 24 V AC/DC
Nov 22, 2021
More results


Similar Description - DL1CS7220SP

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DL1CD0061 SCHNEIDER-DL1CD0061 Datasheet
119Kb / 2P
Harmony XB4, LED bulb, BA 9s, white, 6 V
Nov 22, 2021
DL1CE024 SCHNEIDER-DL1CE024 Datasheet
147Kb / 2P
Harmony XB4, Incandescent bulb, BA 9s, clear, 24 V AC/DC
Nov 22, 2021
DL1CE048 SCHNEIDER-DL1CE048 Datasheet
121Kb / 2P
Harmony XB4, Incandescent bulb, BA 9s, clear, 48 V AC/DC
Nov 22, 2021
DL1CF110 SCHNEIDER-DL1CF110 Datasheet
129Kb / 2P
clear neon bulb for signalling - BA 9s - 120 V / 2.6 W
Nov 22, 2021
DL1CF220 SCHNEIDER-DL1CF220 Datasheet
129Kb / 2P
Harmony XB4, Neon bulb, BA 9s, clear, 230 V AC
Nov 22, 2021
DL1CJ0241 SCHNEIDER-DL1CJ0241 Datasheet
121Kb / 2P
Harmony XB4, LED bulb, BA 9s, white, 24 V AC/DC
Nov 22, 2021
DL1CJ0243 SCHNEIDER-DL1CJ0243 Datasheet
121Kb / 2P
Harmony XB4, LED bulb, BA 9s, green, 24 V AC/DC
Nov 22, 2021
9001KP7A9 SCHNEIDER-9001KP7A9 Datasheet
209Kb / 4P
round pilot light 횠 30 - amber - incandescent BA 9s - 220/240 V AC - IP66
Dec 6, 2021
9001KP7L9 SCHNEIDER-9001KP7L9 Datasheet
163Kb / 4P
round pilot light 횠 30 - blue - incandescent BA 9s - 220/240 V AC - IP66
Dec 6, 2021
9001KP25R31 SCHNEIDER-9001KP25R31 Datasheet
161Kb / 3P
octagonal pilot light 횠 30 - IP 65 - red - bulb BA 9s - 230 V - lugs
Dec 6, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com