Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2500B Datasheet (PDF) - OKI electronic componets

ML2500B Datasheet PDF - OKI electronic componets
Part # ML2500B
Download  ML2500B Download
File Size   243.35 Kbytes
Page   27 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Analog-Storage Single-chip Record/Playback LSI with 1M Bit-Cell Flash Memory

ML2500B Datasheet (PDF)

Go To PDF Page Download Datasheet
ML2500B Datasheet PDF - OKI electronic componets

Part # ML2500B
Download  ML2500B Click to download

File Size   243.35 Kbytes
Page   27 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Analog-Storage Single-chip Record/Playback LSI with 1M Bit-Cell Flash Memory

ML2500B Datasheet (HTML) - OKI electronic componets


ML2500B Product details

GENERAL DESCRIPTION
Thanks to newly developed Analog Multi-Level Storage technology, ML2500B stores non-compressed analog source signal directly into on-chip 1M Bit-Cell Flash memory. The result is superb sound quality without noise and distortions introduced through coding/decoding, and impressive long-time record/playback capability up to 256 sec. ML2500B is fully controllable by an external MCU via the industry’s standard Serial Peripheral Interface.
In addition, no backup requirement and low operating voltage (2.7 to 3.3 V) make the LSI an ideal choice for compact, handy and portable terminals. ML2500B is a true single-chip solution to record/playback subsystem for use with today’s size-critical electronic products.

FEATURES
• On-chip non-volatile 1M bit-cell Flash memory
    Program/Erase Cycles: 10,000 cycles
    Data Retention : 10 years
• MCU Interface
    Serial Peripheral Interface (SPI; Mode 0)
• Record/Playback Time Length (With the int. Osc. or ext. clock at 8.192 MHz)
    Approx. 160 sec (At fsam = 6.4 kHz)
    Approx. 190 sec (At fsam = 5.3 kHz)
    Approx. 256 sec (At fsam = 4.0 kHz)
• Selectable Sampling Frequencies
    4.0 kHz, 5.3 kHz, 6.4 kHz
• Maximum number of recording phrases: 320 phrases
• Phrase Control
    Fully controllable with user-definable Start, Stop addresses
• Built-in LPF/Smoothing Filter (LPF attenuation –40 dB/oct)
• Built-in Oscillation Circuit (8.192 MHz), No oscillator required
    Optional external clock input (Clock Frequency 4.0 to 8.192 MHz)
• Power Supply : 2.7 to 3.3 V
• Operating Temperature:
    –40 to +70°C (guaranteed for both function and voice quality)
    –40 to +85°C (guaranteed for function only) *Notice
    *Notice
    The voice quality can deteriorate at temperatures beyond the range of –40 to +70°C.
    DC and AC characteristics in this data sheet are specified for –40 to +70°C operating temperature range.
• Package:
    32-pin Plastic TSOP (TSOP(1)32-P-814-0.50-1K) (Product name: ML2500BTA)
    Note: Please contact the Oki Sales office/Distributors for bare chips.




Similar Part No. - ML2500B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML2500 OKI-ML2500 Datasheet
104Kb / 7P
Analog-Storage Single-chip Record/Playback LSI with 1M Bit-Cell Flash Memory
More results


Similar Description - ML2500B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML2500 OKI-ML2500 Datasheet
104Kb / 7P
Analog-Storage Single-chip Record/Playback LSI with 1M Bit-Cell Flash Memory
ML2502 OKI-ML2502 Datasheet
117Kb / 20P
128Kbit Analog Cell Storage Flash Memory Revision 8.0 Apr. 01, 1999
logo
Winbond
ISD5100 WINBOND-ISD5100 Datasheet
612Kb / 88P
SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
ISD5116 WINBOND-ISD5116 Datasheet
735Kb / 57P
Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Nuvoton Technology Corp...
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com