Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7012 Datasheet (PDF) - OKI electronic componets

ML7012 Datasheet PDF - OKI electronic componets
Part # ML7012
Download  ML7012 Download
File Size   155.45 Kbytes
Page   22 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 2400 bps Single Chip Full Duplex Data Modem with Protocol

ML7012 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML7012 Datasheet PDF - OKI electronic componets

Part # ML7012
Download  ML7012 Click to download

File Size   155.45 Kbytes
Page   22 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 2400 bps Single Chip Full Duplex Data Modem with Protocol

ML7012 Datasheet (HTML) - OKI electronic componets


ML7012 Product details

GENERAL DESCRIPTION

The ML7012-04 is a single chip modem LSI device that enables data communication conforming to ITU-T recommendations V.22bis, V.22, and V.21. This device is equipped with the error correction protocol function conforming to MNP Class 4. (The MNP Class 4 can be used for V.22bis or V.22.)



FEATURES

• Conforming to ITU-T Recommendations V.22 bis, V.22, and V.21: Asynchronous

• Error correction function conforming to MNP Class 4

• Serial interface: V.24 interface

• AT commands (excluding automatic command speed detection)

• Terminal data speed between DTE and DCE: 9600 bps, 2400 bps, 1200 bps, 300 bps

• Character format: 10 bit/character

• DTMF sending function

• Pulse-dial control signal output

• Call progress tone

• Auto answering function

• Built-in electronic HYB circuit (a line transformer can be directly coupled)

• Single +3 V power supply

• Power consumption: Typ. = 35 mA (VDD = 3.3 V)

• Package: 64-pin plastic QFP (QFP64-P-1414-0.80-BK) (Product name: ML7012-04GA)

* MNP is a registered trademark of Microcom Inc.



 




Similar Part No. - ML7012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7012-06 ETC2-ML7012-06 Datasheet
298Kb / 23P
2400 bps Single Chip Full Duplex Data Modem with Protocol
More results


Similar Description - ML7012

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6882-3 OKI-MSM6882-3 Datasheet
119Kb / 15P
2400/1200 bps Single Chip MSK Modem
MSM6926 OKI-MSM6926 Datasheet
183Kb / 25P
300 bps Single Chip FSK MODEM
MSM6927 OKI-MSM6927 Datasheet
222Kb / 31P
1200 bps Single Chip FSK MODEM
MSM6948 OKI-MSM6948 Datasheet
117Kb / 13P
1200 bps Single Chip MSK Modem
MSM7510 OKI-MSM7510 Datasheet
114Kb / 12P
300 bps Full Duplex FSK Modem - ITU-T V.21
logo
List of Unclassifed Man...
XE2486 ETC-XE2486 Datasheet
34Kb / 10P
Miniature 2400 bps Modem Module
XE2422H ETC1-XE2422H Datasheet
70Kb / 20P
Low-Cost, 2400 BPS Surface-Mount Modem
RC2424DP ETC1-RC2424DP Datasheet
2Mb / 36P
RC2424DP/DS 2400 BPS FULL-DUPLEX MODEM DATA PUMP DEVICE SET
XE2420G ETC2-XE2420G Datasheet
418Kb / 22P
Smallest World-Wide 2400 BPS Modem
ML7012-06 ETC2-ML7012-06 Datasheet
298Kb / 23P
2400 bps Single Chip Full Duplex Data Modem with Protocol
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com