Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM5116160F Datasheet (PDF) - OKI electronic componets

MSM5116160F Datasheet PDF - OKI electronic componets
Part # MSM5116160F
Download  MSM5116160F Download
File Size   232.46 Kbytes
Page   15 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1,048,576-Word 횞 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE

MSM5116160F Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM5116160F Datasheet PDF - OKI electronic componets

Part # MSM5116160F
Download  MSM5116160F Click to download

File Size   232.46 Kbytes
Page   15 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1,048,576-Word 횞 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE

MSM5116160F Datasheet (HTML) - OKI electronic componets


MSM5116160F Product details

DESCRIPTION
The MSM5116160F is a 1,048,576-word × 16-bit dynamic RAM fabricated in Oki’s silicon-gate CMOS technology. The MSM5116160F achieves high integration, high-speed operation, and low-power consumption because Oki manufactures the device in a quadruple-layer polysilicon/double-layer metal CMOS process. The MSM5116160F is available in a 42-pin plastic SOJ or 50/44-pin plastic TSOP.

FEATURES
• 1,048,576-word × 16-bit configuration
• Single 5V power supply, ±10% tolerance
• Input : TTL compatible, low input capacitance
• Output : TTL compatible, 3-state
• Refresh : 4096 cycles/64ms
• Fast page mode, read modify write capability
• CAS before RAS refresh, hidden refresh, RAS-only refresh capability
• Packages
    42-pin 400mil plastic SOJ (SOJ42-P-400-1.27) (Product : MSM5116160F-xxJS)
    50/44-pin 400mil plastic TSOP (TSOPII50/44-P-400-0.80-K) (Product : MSM5116160F-xxTS-K)
                                                                                                       xx indicates speed rank.




Similar Part No. - MSM5116160F

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116160 OKI-MSM5116160 Datasheet
568Kb / 8P
1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116160D OKI-MSM5116160D Datasheet
526Kb / 17P
1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116160DSL OKI-MSM5116160DSL Datasheet
526Kb / 17P
1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Similar Description - MSM5116160F

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116160D OKI-MSM5116160D Datasheet
526Kb / 17P
1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160A OKI-MSM5118160A Datasheet
605Kb / 8P
1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160B OKI-MSM5118160B Datasheet
253Kb / 16P
1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160D OKI-MSM5118160D Datasheet
526Kb / 17P
1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160F OKI-MSM5118160F Datasheet
173Kb / 15P
1,048,576-Word 횞 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118165F OKI-MSM5118165F Datasheet
178Kb / 15P
1,048,576-Word 횞 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16160A OKI-MSM51V16160A Datasheet
605Kb / 8P
1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V18160A OKI-MSM51V18160A Datasheet
1Mb / 16P
1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16160F OKI-MSM51V16160F Datasheet
228Kb / 16P
1,048,576-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16165F OKI-MSM51V16165F Datasheet
234Kb / 16P
1,048,576-Word 횞 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com