Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP15 Datasheet (PDF) - Protek Devices

CP15 Datasheet PDF - Protek Devices
Part # CP15
Download  CP15 Download
File Size   109.76 Kbytes
Page   5 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description STANDARD CAPACITANCE TVS ARRAY

CP15 Datasheet (PDF)

Go To PDF Page Download Datasheet
CP15 Datasheet PDF - Protek Devices

Part # CP15
Download  CP15 Click to download

File Size   109.76 Kbytes
Page   5 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description STANDARD CAPACITANCE TVS ARRAY

CP15 Datasheet (HTML) - Protek Devices


CP15 Product details

DESCRIPTIoN

The CPxx and CPxxC series are subminiature monolithic TVS suppressor arrays designed for the protection of sensitive IC components from the damaging effects of Electrostatic Discharge (ESD). This series is ideally suited for use in portable electronics such as SMART phones, laptops, and other wireless devices.



FEATURES

•  Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV

•  Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns

•  Compatible with IEC 61000-4-5 (Surge): 12A, 8/20µs - Level 1(Line Gnd) & Level 2(Line-Line)

•  200 Watts Peak Pulse Power per Line(tp = 8/20µs)

•  Monolithic Design

•  Protects 4 Bidirectional Lines & 5 Unidirectional Lines

•  Unidirectional & Bidirectional Configurations

•  ESD Protection > 25 kilovolts

•  Available in Multiple Voltages

•  Low Clamping Voltage

•  Low Leakage Current

•  RoHS Compliant

•  REACH Compliant



APPLICATIoNS

•  SMART Phones

•  Portable Electronics

•  Multiple I/O Ports and Power Supplies

•  FireWire, Ethernet and USB Interfaces




Similar Part No. - CP15

ManufacturerPart #DatasheetDescription
logo
Protek Devices
CP15 PROTEC-CP15 Datasheet
88Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
CP15 PROTEC-CP15 Datasheet
89Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
CP15 PROTEC-CP15 Datasheet
705Kb / 8P
MULTI-LINE TVS ARRAY
CP15 PROTEC-CP15 Datasheet
710Kb / 8P
MULTI-LINE TVS ARRAY
logo
Laird Tech Smart Techno...
CP15 LSTD-CP15 Datasheet
444Kb / 2P
Precise Temperature Control
More results


Similar Description - CP15

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM20MT05C PROTEC-SM20MT05C Datasheet
176Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05 Datasheet
96Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
DA05L PROTEC-DA05L_07 Datasheet
68Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
DA05N PROTEC-DA05N_07 Datasheet
76Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-4 PROTEC-PSMDA05C-4_07 Datasheet
71Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-8 PROTEC-PSMDA05C-8_07 Datasheet
73Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05_07 Datasheet
85Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
PSOT03 PROTEC-PSOT03_07 Datasheet
64Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
logo
Pan Jit International I...
PJSOT05C-03 PANJIT-PJSOT05C-03 Datasheet
102Kb / 3P
STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-02 PANJIT-PJSOT05C-02_15 Datasheet
76Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com