Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8G Datasheet (PDF) - Leshan Radio Company

A8G Datasheet PDF - Leshan Radio Company
Part # A8G
Download  A8G Download
File Size   133.09 Kbytes
Page   11 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description BIAS RESISTOR TRANSISTOR, NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK

A8G Datasheet (PDF)

Go To PDF Page Download Datasheet
A8G Datasheet PDF - Leshan Radio Company

Part # A8G
Download  A8G Click to download

File Size   133.09 Kbytes
Page   11 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description BIAS RESISTOR TRANSISTOR, NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK

A8G Datasheet (HTML) - Leshan Radio Company


A8G Product details

Bias Resistor Transistor

NPN Silicon Surface Mount Transistor
with Monolithic Bias Resistor Network

This new series of digital transistors is designed to replace a single device and its external resistor bias network. The BRT (Bias Resistor Transistor) contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base-emitter resistor. The BRT eliminates these individual components by integrating them into a single device. The use of a BRT can reduce both system cost and board space. The device is housed in the SOT-23 package which is designed for low power surface mount applications.

• Simplifies Circuit Design
• Reduces Board Space and Component Count
• The SOT-23 package can be soldered using wave or reflow. The
   modified gull-winged leads absorb thermal stress during soldering
   eliminating the possibility of damage to the die.
• Available in 8 mm embossed tape and reel. Use the Device
   Number to order the 7 inch/3000 unit reel. Replace “T1” with
   “T3” in the Device Number to order the13 inch/10,000 unit reel.
• Pb−Free Package May be Available.
   The G−Suffix Denotes a Pb−Free
   Lead Finish




Similar Part No. - A8G

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A8G OMRON-A8G Datasheet
601Kb / 4P
Rocker Switch with External Reset Function for High capacity Switching
A8GS OMRON-A8GS Datasheet
2Mb / 8P
Minimum size class in the industry Rocker switch with reset function
A8GS-C1113 OMRON-A8GS-C1113 Datasheet
2Mb / 8P
Minimum size class in the industry Rocker switch with reset function
A8GS-C1115 OMRON-A8GS-C1115 Datasheet
2Mb / 8P
Minimum size class in the industry Rocker switch with reset function
A8GS-C1183 OMRON-A8GS-C1183 Datasheet
2Mb / 8P
Minimum size class in the industry Rocker switch with reset function
More results


Similar Description - A8G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMUN5211T1 LRC-LMUN5211T1 Datasheet
133Kb / 10P
Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTC114EET1 ONSEMI-DTC114EET1_06 Datasheet
92Kb / 11P
Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
March, 2006 ??Rev. 8
DTC144TT1 ONSEMI-DTC144TT1_05 Datasheet
51Kb / 4P
Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
October, 2005 ??Rev. 2
SDTC114EET1 ONSEMI-SDTC114EET1 Datasheet
145Kb / 13P
Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
May, 2012 ??Rev. 12
logo
Shanghai Leiditech Elec...
DTC144EE LEIDITECH-DTC144EE Datasheet
714Kb / 5P
Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
LDTD123YLT1G LEIDITECH-LDTD123YLT1G Datasheet
586Kb / 3P
Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
LMUN5211T1G LEIDITECH-LMUN5211T1G Datasheet
772Kb / 10P
Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
LMUN5232T1G LEIDITECH-LMUN5232T1G Datasheet
925Kb / 10P
Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
AiT Semiconductor Inc.
MUN2211 AITSEMI-MUN2211 Datasheet
1Mb / 20P
BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.2
logo
First Silicon Co., Ltd
S-LMUN2213LT1G FS-S-LMUN2213LT1G Datasheet
423Kb / 5P
Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
2017. 05. 10 Revision No : 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com