Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC497 Datasheet (PDF) - Protek Devices

PLC497 Datasheet PDF - Protek Devices
Part # PLC497
Download  PLC497 Download
File Size   111.24 Kbytes
Page   5 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description ULTRA LOW CAPACITANCE TVS ARRAY

PLC497 Datasheet (PDF)

Go To PDF Page Download Datasheet
PLC497 Datasheet PDF - Protek Devices

Part # PLC497
Download  PLC497 Click to download

File Size   111.24 Kbytes
Page   5 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description ULTRA LOW CAPACITANCE TVS ARRAY

PLC497 Datasheet (HTML) - Protek Devices


PLC497 Product details

DESCRIPTION
The PLC497 is an ultra low capacitance steering diode/TVS array. Designed for protection against Electrostatic Discharge (ESD), Electrical Fast Transients (EFT) and secondary lightning threats, this device is ideal for use in high-speed signal interface applications.
The PLC497 is available in the small SOT-23 package, which reduces internal lead inductance for low overshoot voltage during fast front time transient events like ESD. This device meets the IEC 61000-4-2 and IEC 61000-4-4 requirements.

FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 20A, 8/20µs - Level 2(Line-Ground) & Level 3(Line-Line)
• ESD Protection > 25 kilovolts
• 200 Watts Peak Pulse Power per Line(tp = 8/20µs)
• Low Clamping Voltage < 5 Volts
• Ultra Low Capacitance: 2.5pF
• RoHS Compliant
• REACH Compliant

APPLICATIONS
• Low Voltage Wireless Equipment
• Sensor & Control Circuits
• Ethernet 10/100/1000 Base T
• FireWire Interfaces/Connections




Similar Part No. - PLC497

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLC497 PROTEC-PLC497 Datasheet
72Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
PLC497 PROTEC-PLC497 Datasheet
916Kb / 9P
ultra low capacitance steering diode/TVS array
PLC497 PROTEC-PLC497 Datasheet
581Kb / 9P
ULTRA LOW CAPACITANCE STEERING DIODE
PLC497 PROTEC-PLC497_07 Datasheet
72Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
PLC497 PROTEC-PLC497_10 Datasheet
916Kb / 9P
ultra low capacitance steering diode/TVS array
More results


Similar Description - PLC497

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC03 PROTEC-GBLC03 Datasheet
174Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
SLVU28-4 PROTEC-SLVU28-4 Datasheet
184Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03 Datasheet
57Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
GBLC03 PROTEC-GBLC03_07 Datasheet
71Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_07 Datasheet
62Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8-4 PROTEC-SLVU2.8-4_05 Datasheet
97Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
DL0521P PROTEC-DL0521P_11 Datasheet
569Kb / 6P
ultra LOW CAPACITANCE TVS ARRAY
PAM03SD2303CI PROTEC-PAM03SD2303CI_12 Datasheet
602Kb / 7P
ULTRA LOW CAPACITANCE TVS ARRAY
logo
FutureWafer Tech Co.,Lt...
FW0524LC-0.8PF FUTUREWAFER-FW0524LC-0.8PF Datasheet
1,017Kb / 5P
Ultra Low Capacitance TVS Array
logo
Protek Devices
GBLCXXCDSL PROTEC-GBLCXXCDSL Datasheet
522Kb / 7P
ULTRA LOW CAPACITANCE TVS ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com