Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSTG Datasheet (PDF) - Vishay Siliconix

ZSTG Datasheet PDF - Vishay Siliconix
Part # ZSTG
Download  ZSTG Download
File Size   133.81 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors

ZSTG Datasheet (PDF)

Go To PDF Page Download Datasheet
ZSTG Datasheet PDF - Vishay Siliconix

Part # ZSTG
Download  ZSTG Click to download

File Size   133.81 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors

ZSTG Datasheet (HTML) - Vishay Siliconix


ZSTG Product details

• Stability ΔR/R = 1 % for 1000 h at 70 °C
• Lead (Pb)-bearing termination plating on Ni barrier layer
• Metal glaze on high quality ceramic
• Halogen-free according to IEC 61249-2-21 definiton
• AEC-Q200 qualified, rev. C complian




Similar Part No. - ZSTG

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
ZST SAMTEC-ZST Datasheet
255Kb / 1P
SHROUDED .025" SQ POST IDC HEADERS (2.54 mm) .100" PITCH
ZST-105-01-F-D SAMTEC-ZST-105-01-F-D Datasheet
255Kb / 1P
SHROUDED .025" SQ POST IDC HEADERS (2.54 mm) .100" PITCH
ZST-105-01-L-D SAMTEC-ZST-105-01-L-D Datasheet
255Kb / 1P
SHROUDED .025" SQ POST IDC HEADERS (2.54 mm) .100" PITCH
ZST-105-01-T-D SAMTEC-ZST-105-01-T-D Datasheet
255Kb / 1P
SHROUDED .025" SQ POST IDC HEADERS (2.54 mm) .100" PITCH
ZST-105-02-F-D SAMTEC-ZST-105-02-F-D Datasheet
255Kb / 1P
SHROUDED .025" SQ POST IDC HEADERS (2.54 mm) .100" PITCH
More results


Similar Description - ZSTG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW0805562RFKTA VISHAY-CRCW0805562RFKTA Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW0603100RFKTA VISHAY-CRCW0603100RFKTA Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW0603680RFKTA VISHAY-CRCW0603680RFKTA Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW0805499KFKEA VISHAY-CRCW0805499KFKEA Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW08050000ZSTA VISHAY-CRCW08050000ZSTA Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW0805200KFKEA VISHAY-CRCW0805200KFKEA Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW120682K5FKEA VISHAY-CRCW120682K5FKEA Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW0402475RFKED VISHAY-CRCW0402475RFKED Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW080547R0FKEA VISHAY-CRCW080547R0FKEA Datasheet
136Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW060386K6FKEA VISHAY-CRCW060386K6FKEA Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com