Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5080 Datasheet (PDF) - Keystone Electronics Corp.

5080 Datasheet PDF - Keystone Electronics Corp.
Part # 5080
Download  5080 Download
File Size   269.88 Kbytes
Page   1 Pages
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.
Description WIRE WRAP PIN

5080 Datasheet (PDF)

Go To PDF Page Download Datasheet
5080 Datasheet PDF - Keystone Electronics Corp.

Part # 5080
Download  5080 Click to download

File Size   269.88 Kbytes
Page   1 Pages
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.
Description WIRE WRAP PIN

5080 Datasheet (HTML) - Keystone Electronics Corp.




Similar Part No. - 5080

ManufacturerPart #DatasheetDescription
logo
Heyco.
5080 HEYCO-5080 Datasheet
289Kb / 1P
Padded Male Blades
logo
Alpha Wire
5080-40C ALPHAWIRE-5080-40C Datasheet
414Kb / 5P
16 (19/.0117) AWG Tinned Copper
5080-50C ALPHAWIRE-5080-50C Datasheet
415Kb / 5P
16 (19/.0117) AWG Tinned Copper
5080/15C ALPHAWIRE-5080/15C Datasheet
99Kb / 4P
Customer Specification
12/5/2022
5080/20C ALPHAWIRE-5080/20C Datasheet
99Kb / 5P
Customer SpecificationS
12/13/2022
More results


Similar Description - 5080

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AR06-HGW-T-R ASSMANN-AR06-HGW-T-R Datasheet
286Kb / 1P
IDC-Socket, 6 Pin, Wire Wrap,
AR08-HGW-T-R ASSMANN-AR08-HGW-T-R Datasheet
286Kb / 1P
IDC-Socket, 8 Pin, Wire Wrap,
AR-14-HGW-T ASSMANN-AR-14-HGW-T Datasheet
295Kb / 1P
IDC-Socket, 14 Pin, Wire Wrap
AR18-HGW-T-R ASSMANN-AR18-HGW-T-R Datasheet
287Kb / 1P
IDC-Socket, 18 Pin, Wire Wrap
AR20-HGW-T-R ASSMANN-AR20-HGW-T-R Datasheet
286Kb / 1P
IDC-Socket, 20 Pin, Wire Wrap
AR24-HGW-T-R ASSMANN-AR24-HGW-T-R Datasheet
275Kb / 1P
IDC-Socket, 24 Pin, Wire Wrap
AR28-HGW-T-R ASSMANN-AR28-HGW-T-R Datasheet
275Kb / 1P
IDC-Socket, 28 Pin, Wire Wrap
AR32-HGW-T-R ASSMANN-AR32-HGW-T-R Datasheet
275Kb / 1P
IDC-Socket, 32 Pin, Wire Wrap
AR-32-HZW-T ASSMANN-AR-32-HZW-T Datasheet
273Kb / 1P
IDC-Socket, 32 Pin, Wire Wrap
AR40-HGW-T-R ASSMANN-AR40-HGW-T-R Datasheet
275Kb / 1P
IDC-Socket, 40 Pin, Wire Wrap,
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com