Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUCLEO-F207ZG Datasheet (PDF) - STMicroelectronics

NUCLEO-F207ZG Datasheet PDF - STMicroelectronics
Part # NUCLEO-F207ZG
Download  NUCLEO-F207ZG Download
File Size   1419.34 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description STM32 Nucleo-144 boards

NUCLEO-F207ZG Datasheet (PDF)

Go To PDF Page Download Datasheet
NUCLEO-F207ZG Datasheet PDF - STMicroelectronics

Part # NUCLEO-F207ZG
Download  NUCLEO-F207ZG Click to download

File Size   1419.34 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description STM32 Nucleo-144 boards

NUCLEO-F207ZG Datasheet (HTML) - STMicroelectronics


NUCLEO-F207ZG Product details

Description
The STM32 Nucleo-144 board provides an affordable and flexible way for users to try out new concepts and build prototypes by choosing from the various combinations of performance and power consumption features, provided by the STM32 microcontroller. For the compatible boards, the internal or external SMPS significantly reduces power consumption in Run mode. The ST Zio connector, which extends the ARDUINO® Uno V3 connectivity, and the ST morpho headers provide an easy means of expanding the functionality of the Nucleo open development platform with a wide choice of specialized shields. The STM32 Nucleo-144 board does not require any separate probe as it integrates the ST-LINK debugger/programmer. The STM32 Nucleo-144 board comes with the STM32 comprehensive free software libraries and examples available with the STM32Cube MCU Package. Product status link NUCLEO-XXXXZX NUCLEO-F207ZG, NUCLEO-F303ZE, NUCLEO-F412ZG, NUCLEO-F413ZH, NUCLEO-F429ZI, NUCLEO-F439ZI, NUCLEO-F446ZE, NUCLEO-F722ZE, NUCLEO-F746ZG, NUCLEO-F756ZG, NUCLEO-F767ZI, NUCLEO-H723ZG, NUCLEO-H743ZI, NUCLEO-H753ZI, NUCLEO-L496ZG, NUCLEO-L4A6ZG, NUCLEO-L4P5ZG, NUCLEO-L4R5ZI NUCLEO-XXXXZX-P NUCLEO-L496ZG-P, NUCLEO-L4R5ZI-P NUCLEO-XXXXZX-Q NUCLEO-H745ZI-Q, NUCLEO-H755ZI-Q, NUCLEO-H7A3ZI-Q, NUCLEO-L552ZE-Q, NUCLEO-U575ZI-Q STM32 Nucleo-144 boards NUCLEO‑XXXXZX NUCLEO‑XXXXZX‑P NUCLEO‑XXXXZX‑Q Data brief DB3171 - Rev 14 - June 2021 For further information contact your local STMicroelectronics sales office.

Features
■ Common features – STM32 microcontroller in LQFP144 package – 3 user LEDs – 2 user and reset push-buttons – 32.768 kHz crystal oscillator – Board connectors: ◦ SWD ◦ ST Zio expansion connector including ARDUINO® Uno V3 ◦ ST morpho expansion connector – Flexible power-supply options: ST-LINK, USB VBUS, or external sources – On-board ST-LINK debugger/programmer with USB re-enumeration capability: mass storage, Virtual COM port, and debug port – Comprehensive free software libraries and examples available with the STM32Cube MCU Package – Support of a wide choice of Integrated Development Environments (IDEs) including IAR Embedded Workbench®, MDK-ARM, and STM32CubeIDE
■ Board-specific features – External or internal SMPS to generate Vcore logic supply – Ethernet compliant with IEEE-802.3-2002 – USB OTG full speed or device only – Board connectors: ◦ USB with Micro-AB or USB Type-C® ◦ Ethernet RJ45 – Arm® Mbed Enabled™ compliant




Similar Part No. - NUCLEO-F207ZG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NUCLEO-F207ZG ETC2-NUCLEO-F207ZG Datasheet
196Kb / 4P
STM32 Nucleo-144 board
logo
STMicroelectronics
NUCLEO-F207ZG STMICROELECTRONICS-NUCLEO-F207ZG Datasheet
1Mb / 8P
STM32 Nucleo-144 boards
26-Nov-2019
More results


Similar Description - NUCLEO-F207ZG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NUCLEO-F030R8 ETC2-NUCLEO-F030R8 Datasheet
239Kb / 4P
STM32 Nucleo-64 boards
NUCLEO-F207ZG ETC2-NUCLEO-F207ZG Datasheet
196Kb / 4P
STM32 Nucleo-144 board
UM1724 ETC2-UM1724 Datasheet
1Mb / 65P
STM32 Nucleo-64 boards
UM1956 ETC2-UM1956 Datasheet
781Kb / 31P
STM32 Nucleo-32 boards
UM1974 ETC2-UM1974 Datasheet
2Mb / 62P
STM32 Nucleo-144 board
logo
STMicroelectronics
NUCLEO-XXXXRX STMICROELECTRONICS-NUCLEO-XXXXRX Datasheet
406Kb / 6P
STM32 Nucleo-64 boards
December 2017 Rev 10
NUCLEO-L4P5ZG STMICROELECTRONICS-NUCLEO-L4P5ZG Datasheet
1Mb / 8P
STM32 Nucleo-144 boards
26-Nov-2019
NUCLEO-L496ZG STMICROELECTRONICS-NUCLEO-L496ZG_V01 Datasheet
379Kb / 5P
STM32 Nucleo-144 board
15-Feb-2017
NUCLEO-XXXXRX STMICROELECTRONICS-NUCLEO-XXXXRX_V01 Datasheet
1Mb / 7P
STM32 Nucleo-64 boards
25-Oct-2020
NUCLEO-XXXXRX STMICROELECTRONICS-NUCLEO-XXXXRX_V02 Datasheet
237Kb / 4P
STM32 Nucleo-64 boards
08-Jul-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com