Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PP1800SC Datasheet (PDF) - Protek Devices

PP1800SC Datasheet PDF - Protek Devices
Part # PP1800SC
Download  PP1800SC Download
File Size   118.8 Kbytes
Page   6 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description THYRISTOR SURGE SUPPRESSOR

PP1800SC Datasheet (PDF)

Go To PDF Page Download Datasheet
PP1800SC Datasheet PDF - Protek Devices

Part # PP1800SC
Download  PP1800SC Click to download

File Size   118.8 Kbytes
Page   6 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description THYRISTOR SURGE SUPPRESSOR

PP1800SC Datasheet (HTML) - Protek Devices


PP1800SC Product details

DESCRIPTION
The PP-SM Series are thyristor surge suppression (TSS) devices designed to protect telecommunicaton equipment against lightning and transients induced by AC power lines. These devices can be used on central ofce equipment, PBX, DSU, OCU and other telecommunicaton equiment/systems. The bidirectonal confguraton provides protecton for both positve and negatve transients and the discrete surface mount package allows for individual placement of the device on line cards or other locatons where multple component devices do not offer the versatle in board trace layout.

FEATURES
• Compatble with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatble with IEC 61000-4-4 (EFT): 40A, 5/50ns
• Compatble with IEC 61000-4-5 (Surge): 95A, 8/20µs - L4(LineGround), 48A - L4(Line-Line) & 83A - L2(Power)
• FCC Part 68, UL 1459, Bellcore 1089 & ITU-K.20/K.21 Compliant
• UL File Recogniton #E208219
• Peak Off-State Voltage from 25 to 300 Volts
• Surge Current Capability (See Table 1)
• ESD Protecton > 25 kilovolts
• Low Capacitance for T1/E1 Trunk & Line Card Applicatons
• Bidirectonal Confguraton
• RoHS Compliant
• REACH Compliant

APPLICATIONS
• T1/E1 Trunk & Line Cards
• SLIC Line Card
• DBX Branch Exchange Switches
• FCC Part 68 Customer Premise Equipment
• Line Interface Modem
• xDSL Architecture Interface




Similar Part No. - PP1800SC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PP1800SC PROTEC-PP1800SC Datasheet
81Kb / 6P
THYRISTOR SURGE SUPPRESSOR
PP1800SC PROTEC-PP1800SC Datasheet
807Kb / 9P
THYRISTOR SURGE SUPPRESSOR
PP1800SC PROTEC-PP1800SC Datasheet
808Kb / 9P
THYRISTOR SURGE SUPPRESSOR
PP1800SC-LF-T PROTEC-PP1800SC-LF-T Datasheet
81Kb / 6P
THYRISTOR SURGE SUPPRESSOR
PP1800SC-T PROTEC-PP1800SC-T Datasheet
81Kb / 6P
THYRISTOR SURGE SUPPRESSOR
More results


Similar Description - PP1800SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PP1101SB ETC1-PP1101SB Datasheet
353Kb / 4P
UNIDIRECTIONAL THYRISTOR SURGE SUPPRESSOR
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_07 Datasheet
81Kb / 6P
THYRISTOR SURGE SUPPRESSOR
logo
Tyco Electronics
TVB170SC MACOM-TVB170SC_04 Datasheet
72Kb / 2P
Thyristor Surge Protectors
TVB200SC MACOM-TVB200SC_04 Datasheet
77Kb / 2P
Thyristor Surge Protectors
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_11 Datasheet
807Kb / 9P
THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA_12 Datasheet
808Kb / 9P
THYRISTOR SURGE SUPPRESSOR
logo
Shindengen Electric Mfg...
KU10NU11 SHINDENGEN-KU10NU11 Datasheet
143Kb / 4P
THYRISTOR Surge suppressor
logo
Protek Devices
PP_SM PROTEC-PP_SM_15 Datasheet
534Kb / 10P
THYRISTOR SURGE SUPPRESSOR
logo
Guangdong Kexin Industr...
P0080TB KEXIN-P0080TB Datasheet
1Mb / 3P
Thyristor Surge Suppressors
logo
Shindengen Electric Mfg...
KP20NU11 SHINDENGEN-KP20NU11 Datasheet
201Kb / 4P
Thyristor Surge Suppressor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com