Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA0102E Datasheet (PDF) - Holtek Semiconductor Inc

HA0102E Datasheet PDF - Holtek Semiconductor Inc
Part # HA0102E
Download  HA0102E Download
File Size   326.51 Kbytes
Page   47 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description A/D Type 8-Bit OTP MCU

HA0102E Datasheet (PDF)

Go To PDF Page Download Datasheet
HA0102E Datasheet PDF - Holtek Semiconductor Inc

Part # HA0102E
Download  HA0102E Click to download

File Size   326.51 Kbytes
Page   47 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description A/D Type 8-Bit OTP MCU

HA0102E Datasheet (HTML) - Holtek Semiconductor Inc


HA0102E Product details

General Description

The device are 8-bit, high performance, RISC architecture microcontroller devices specifically designed for A/D applications that interface directly to analog signals, such as those from sensors.



Features

Operating voltage:

  fSYS=4MHz: 2.2V~5.5V

  fSYS=8MHz: 3.3V~5.5V

20 bidirectional I/O lines

Two interrupt input shared with an I/O line

Two 8-bit programmable timer/event counter with overflow interrupt and 7-stage prescaler

Two 8-bit programmable pulse generator (PPG) output channels, with prescaler and 8-bit programmable

timer counter, and supports active low or active high output

On-chip crystal and RC oscillator

Watchdog Timer

409615 program memory

1928 data memory RAM

Supports PFD for sound generation

HALT function and wake-up feature reduce power consumption

Up to 0.5s instruction cycle with 8MHz system clock at VDD=5V

8-level subroutine nesting

8 channels 9-bit resolution A/D converter

Two comparators with interrupt function

Bit manipulation instruction

15-bit table read instruction

63 powerful instructions

All instructions in one or two machine cycles

Low voltage reset function

28-pin SKDIP/SOP package




Similar Part No. - HA0102E

ManufacturerPart #DatasheetDescription
logo
E+E Elektronik Ges.m.b....
HA010205 EPLUSE-HA010205 Datasheet
888Kb / 2P
Air Velocity Transmitter for HVAC Applications
More results


Similar Description - HA0102E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R12 HOLTEK-HT46R12 Datasheet
307Kb / 45P
A/D Type 8-Bit OTP MCU
November 1, 2005
HT45R06 HOLTEK-HT45R06 Datasheet
313Kb / 41P
A/D Type 8-Bit OTP MCU
May 24, 2005
HT46R51 HOLTEK-HT46R51 Datasheet
294Kb / 42P
A/D Type 8-Bit OTP MCU
July 12, 2005
HT46R53 HOLTEK-HT46R53 Datasheet
297Kb / 42P
A/D Type 8-Bit OTP MCU
July 12, 2005
HT46R51A HOLTEK-HT46R51A Datasheet
317Kb / 42P
A/D Type 8-Bit OTP MCU
September 20, 2007
HT46R53A HOLTEK-HT46R53A Datasheet
303Kb / 43P
A/D Type 8-Bit OTP MCU
August 24, 2006
HT46R12A HOLTEK-HT46R12A Datasheet
307Kb / 48P
A/D Type 8-Bit OTP MCU
August 3, 2007
HT46R14A HOLTEK-HT46R14A Datasheet
320Kb / 49P
A/D Type 8-Bit OTP MCU
August 3, 2007
HT46R064 HOLTEK-HT46R064 Datasheet
564Kb / 99P
Enhanced A/D Type 8-Bit OTP MCU
January 22, 2013
HT46R51A HOLTEK-HT46R51A_09 Datasheet
297Kb / 43P
A/D Type 8-Bit OTP MCU
March 6, 2009
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com