Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC9131 Datasheet (PDF) - Micrel Semiconductor

MIC9131 Datasheet PDF - Micrel Semiconductor
Part # MIC9131
Download  MIC9131 Download
File Size   142.54 Kbytes
Page   20 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High-Voltage, High-Speed Telecom DC-to-DC Controller

MIC9131 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC9131 Datasheet PDF - Micrel Semiconductor

Part # MIC9131
Download  MIC9131 Click to download

File Size   142.54 Kbytes
Page   20 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High-Voltage, High-Speed Telecom DC-to-DC Controller

MIC9131 Datasheet (HTML) - Micrel Semiconductor


MIC9131 Product details

General Description
The MIC9131 is a current-mode PWM controller that efficiently converts –48V telecom voltages to logic levels. The MIC9131 features a high voltage start-up circuit that allows the device to be connected to input voltages as high as 180V. The high input voltage capability protects the MIC9131 from line transients that are common in telecom systems. The start-up circuitry also saves valuable board space and simplifies designs by integrating several external components.

Features
• Input voltages up to 180V
• Internal oscillator capable of > 2.5MHz operation
• Accurate 75% maximum duty cycle
• Synchronisation capability to 6MHz
• Current sense delay of 34ns
• Minimum pulse width of <25ns
• 90% efficiency
• 1.3mA quiescent current
• 1µA shutdown current
• Soft-start
• Resistor programmable current sense threshold
• Selectable soft-start retry
• 4Ω sink, 12Ω source output driver
• Programmable under-voltage lockout
• Constant-frequency PWM current-mode control
• 16-pin SOIC and 16-pin QSOP

Applications
• Telecom power supplies
• Line cards
• ISDN network terminators
• Micro- and pico-cell base stations
• Low power (< 100W) dc-dc converters
• DSL line cards




Similar Part No. - MIC9131

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC9131 MICREL-MIC9131 Datasheet
912Kb / 19P
High-Voltage, High-Speed Telecom
MIC9131BM MICREL-MIC9131BM Datasheet
912Kb / 19P
High-Voltage, High-Speed Telecom
MIC9131BQS MICREL-MIC9131BQS Datasheet
912Kb / 19P
High-Voltage, High-Speed Telecom
MIC9131 MICREL-MIC9131_06 Datasheet
912Kb / 19P
High-Voltage, High-Speed Telecom
More results


Similar Description - MIC9131

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7274 STMICROELECTRONICS-TDA7274 Datasheet
108Kb / 10P
LOW-VOLTAGE DC MOTOR SPEED CONTROLLER
Nov-1988
logo
Sanyo Semicon Device
LA5527M SANYO-LA5527M Datasheet
56Kb / 3P
Low-Voltage DC Motor Speed Controller?
LA5528N SANYO-LA5528N Datasheet
69Kb / 3P
Low-Voltage DC Motor Speed Controller?
logo
List of Unclassifed Man...
KA2202 ETC-KA2202 Datasheet
85Kb / 3P
LOW VOLTAGE DC MOTOR SPEED CONTROLLER
logo
Sanyo Semicon Device
LA5523 SANYO-LA5523 Datasheet
52Kb / 1P
LOW-VOLTAGE DC MOTOR SPEED CONTROLLER
logo
Micrel Semiconductor
MIC9130 MICREL-MIC9130 Datasheet
395Kb / 19P
High-Voltage, High-Speed Telecom DC-to-DC Controller
MIC9131 MICREL-MIC9131_06 Datasheet
912Kb / 19P
High-Voltage, High-Speed Telecom
logo
Linear Technology
LTC3811 LINER-LTC3811 Datasheet
539Kb / 48P
High Speed Dual, Multiphase Step-Down DC/DC Controller
logo
Micrel Semiconductor
MIC9130 MICREL-MIC9130_08 Datasheet
257Kb / 19P
High-Voltage, High-Speed Telecom DC-to-DC Controller
logo
Linear Technology
LTC3811 LINER-LTC3811_15 Datasheet
544Kb / 48P
High Speed Dual, Multiphase Step-Down DC/DC Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com