Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

165X5 Datasheet (PDF) - Hammond Manufacturing Ltd.

165X5 Datasheet PDF - Hammond Manufacturing Ltd.
Part # 165X5
Download  165X5 Download
File Size   140.96 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Low Voltage, Filament High Current, Chassis Mount - 125 VA to 440 VA 165 Series

165X5 Datasheet (PDF)

Go To PDF Page Download Datasheet
165X5 Datasheet PDF - Hammond Manufacturing Ltd.

Part # 165X5
Download  165X5 Click to download

File Size   140.96 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Low Voltage, Filament High Current, Chassis Mount - 125 VA to 440 VA 165 Series

165X5 Datasheet (HTML) - Hammond Manufacturing Ltd.




Similar Part No. - 165X5

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
165X00779A CONEC-165X00779A Datasheet
81Kb / 1P
D-SUB Plastic Hood
165X00789A CONEC-165X00789A Datasheet
81Kb / 1P
D-SUB Plastic Hood
165X00799A CONEC-165X00799A Datasheet
81Kb / 1P
D-SUB Plastic Hood
165X00809A CONEC-165X00809A Datasheet
81Kb / 1P
D-SUB Plastic Hood
165X00819A CONEC-165X00819A Datasheet
81Kb / 1P
D-SUB Plastic Hood
More results


Similar Description - 165X5

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ2505 AZETTLER-AZ2505 Datasheet
1Mb / 4P
Heavy loads to 30000 VA
logo
Melexis Microelectronic...
MLX91209 MELEXIS-MLX91209 Datasheet
1Mb / 15P
Current Sensor IC in VA package
logo
Lattice Semiconductor
ISPGDX160VVA LATTICE-ISPGDX160VVA Datasheet
572Kb / 36P
ispGDX짰160V/VA Device Datasheet
logo
Melexis Microelectronic...
MLX91209 MELEXIS-MLX91209_18 Datasheet
1Mb / 15P
Hall Current Sensor IC in VA package
logo
TT Electronics.
DS1132 TTELEC-DS1132 Datasheet
495Kb / 2P
Platon Plastic VA Flowmeter
DS1170 TTELEC-DS1170 Datasheet
428Kb / 2P
Platon Anaesthetic VA Flowmeter
logo
Bel Fuse Inc.
STP-0100-2115 BEL-STP-0100-2115 Datasheet
817Kb / 2P
Power in the Round 100 VA to 2000 VA
logo
Weidmuller
2680200000 WEIDMULLER-2680200000 Datasheet
542Kb / 3P
Primary current: 125 A, Secondary current max.: 5 A, Load: 2.5 VA
November 4, 2021
logo
Hammond Manufacturing L...
260G HAMMOND-260G Datasheet
124Kb / 2P
Plate & Filament - 22 VA to 248 VA 260 Series
2/6/2021
200 HAMMOND-200 Datasheet
498Kb / 3P
High Voltage (Plate) & Filament - 32 VA to 454 VA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com