Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVPAW Datasheet (PDF) - Panasonic Semiconductor

EVPAW Datasheet PDF - Panasonic Semiconductor
Part # EVPAW
Download  EVPAW Download
File Size   130.92 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 3.0 mm횞2.0 mm SMD Light Touch Switches

EVPAW Datasheet (PDF)

Go To PDF Page Download Datasheet
EVPAW Datasheet PDF - Panasonic Semiconductor

Part # EVPAW
Download  EVPAW Click to download

File Size   130.92 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 3.0 mm횞2.0 mm SMD Light Touch Switches

EVPAW Datasheet (HTML) - Panasonic Semiconductor


EVPAW Product details

■ Features
● External dimensions : 3.0 mm×2.0 mm, Height 0.6 mm
● High operability equipped with an actuator(push plate)
● IP67




Similar Part No. - EVPAW

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVPAWBD40 PANASONIC-EVPAWBD40 Datasheet
297Kb / 8P
Tactile Switches 3.0 mm x 2.0 mm SMD
EVPAWCD40 PANASONIC-EVPAWCD40 Datasheet
297Kb / 8P
Tactile Switches 3.0 mm x 2.0 mm SMD
EVPAWED40 PANASONIC-EVPAWED40 Datasheet
297Kb / 8P
Tactile Switches 3.0 mm x 2.0 mm SMD
More results


Similar Description - EVPAW

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQPS PANASONIC-EVQPS Datasheet
210Kb / 4P
6.1 mm4.0 mm Side-operational SMD Light Touch Switches
EVPAF PANASONIC-EVPAF Datasheet
83Kb / 3P
3.0 mm2.6 mm SMD Light Touch Switches
EVQ-P1F05M PANASONIC-EVQ-P1F05M Datasheet
76Kb / 3P
6 mm Square Long Travel SMD Light Touch Switches
EVQ-P1905M PANASONIC-EVQ-P1905M Datasheet
77Kb / 3P
6 mm Square Long Travel SMD Light Touch Switches
EVQ-P7B01K PANASONIC-EVQ-P7B01K Datasheet
144Kb / 4P
3.5 mm2.9 mm Side-operational SMD Light Touch Switches
EVQ-PSH02K PANASONIC-EVQ-PSH02K Datasheet
112Kb / 4P
6.1 mm4.0 mm Side-operational SMD Light Touch Switches
EVP-AFFG65 PANASONIC-EVP-AFFG65 Datasheet
108Kb / 3P
3.0 mm2.6 mm SMD Light Touch Switches
EVP-AFFB65 PANASONIC-EVP-AFFB65 Datasheet
108Kb / 3P
3.0 mm2.6 mm SMD Light Touch Switches
EVP-AA302K PANASONIC-EVP-AA302K Datasheet
78Kb / 4P
3.5 mm2.9 mm SMD Light Touch Switches
EVPAY PANASONIC-EVPAY Datasheet
330Kb / 8P
3.4 mmx2.9 mm SMD Light Touch Switches
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com