Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVQP7 Datasheet (PDF) - Panasonic Semiconductor

EVQP7 Datasheet PDF - Panasonic Semiconductor
Part # EVQP7
Download  EVQP7 Download
File Size   188.05 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 3.5 mm횞2.9 mm Side-operational SMD Light Touch Switches

EVQP7 Datasheet (PDF)

Go To PDF Page Download Datasheet
EVQP7 Datasheet PDF - Panasonic Semiconductor

Part # EVQP7
Download  EVQP7 Click to download

File Size   188.05 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 3.5 mm횞2.9 mm Side-operational SMD Light Touch Switches

EVQP7 Datasheet (HTML) - Panasonic Semiconductor


EVQP7 Product details

■ Features
● External dimensions : 3.5 mm×2.9 mm, Height 1.35 mm
● A wide range of terminal type : L-shape, J-bent, Straight
●High mount ability
●Push plate strength enhanced type




Similar Part No. - EVQP7

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQP7 PANASONIC-EVQP7 Datasheet
144Kb / 4P
3.5 mm2.9 mm Side-operational SMD Light Touch Switches
EVQP701K PANASONIC-EVQP701K Datasheet
143Kb / 4P
Light Touch Switches
EVQP7A01K PANASONIC-EVQP7A01K Datasheet
143Kb / 4P
Light Touch Switches
EVQP7A01K PANASONIC-EVQP7A01K Datasheet
144Kb / 4P
3.5 mm2.9 mm Side-operational SMD Light Touch Switches
EVQP7B01K PANASONIC-EVQP7B01K Datasheet
143Kb / 4P
Light Touch Switches
More results


Similar Description - EVQP7

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQPF PANASONIC-EVQPF Datasheet
66Kb / 2P
5N Type Side-operational Light Touch Switches
EVQPS PANASONIC-EVQPS Datasheet
210Kb / 4P
6.1 mm4.0 mm Side-operational SMD Light Touch Switches
EVQ-PUL02K PANASONIC-EVQ-PUL02K Datasheet
114Kb / 4P
Small-sized Side-operational SMD Light Touch Switches
EVQ-PUA02K PANASONIC-EVQ-PUA02K Datasheet
114Kb / 4P
Small-sized Side-operational SMD Light Touch Switches
EVQ-PUC02K PANASONIC-EVQ-PUC02K Datasheet
114Kb / 4P
Small-sized Side-operational SMD Light Touch Switches
EVP-AJAC1A PANASONIC-EVP-AJAC1A Datasheet
107Kb / 3P
4.7 mm3.5 mm Double-action Side-operational SMD Light Touch Switches
EVQ-P7B01K PANASONIC-EVQ-P7B01K Datasheet
144Kb / 4P
3.5 mm2.9 mm Side-operational SMD Light Touch Switches
EVQ-PSH02K PANASONIC-EVQ-PSH02K Datasheet
112Kb / 4P
6.1 mm4.0 mm Side-operational SMD Light Touch Switches
EVQ-PUJ02K PANASONIC-EVQ-PUJ02K Datasheet
114Kb / 4P
Small-sized Side-operational SMD Light Touch Switches
EVP-AA302K PANASONIC-EVP-AA302K Datasheet
78Kb / 4P
3.5 mm2.9 mm SMD Light Touch Switches
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com