Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3896 Datasheet (PDF) - 3M Electronics

3896 Datasheet PDF - 3M Electronics
Part # 3896
Download  3896 Download
File Size   752.28 Kbytes
Page   5 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Round, Jacketed, Flat Cable .025 30 AWG Stranded, Mass-Term, PVC/PVC

3896 Datasheet (PDF)

Go To PDF Page Download Datasheet
3896 Datasheet PDF - 3M Electronics

Part # 3896
Download  3896 Click to download

File Size   752.28 Kbytes
Page   5 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Round, Jacketed, Flat Cable .025 30 AWG Stranded, Mass-Term, PVC/PVC

3896 Datasheet (HTML) - 3M Electronics


3896 Product details

Features
■ Round construction permits easier routing
■ 30 AWG wire on .025 inch centers permits mass
■ termination
■ Continuous split/bond allows for mass termination on
■ 2.4 inch centers (approximate)
■ Close spacing permits higher signal density
■ Primary cable is zippable for branching or discrete
■ terminations
■ PVC insulation provides excellent flexibility
■ Recommended for use with 3M™ Tripolarized Wiremount Socket 82XXX-600X, .050" x .100"; 3M™ Mini D Ribbon (MDR) Wiremount Plug 101XX-8X00EE, .050"; and 3M™ Pak 50 IDC
■ Sockets P25E-XXXs-XXX
■ See Regulatory Information Appendix (RIA for chemical compliance information (RIA E1 & C1 apply) Date Modified: May 14, 200 TS-2173-D Sheet 1 of 2 Physical Jacket Material: Polyvinyl Chloride (PVC) Jacket Color: Black Primary Material: Polyvinyl Chloride (PVC) Color Gray




Similar Part No. - 3896

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
3896 ADAFRUIT-3896 Datasheet
1Mb / 2P
3-Bladed Trifoil Propeller Fan for DC Motor
8-14-18
logo
3M Electronics
3896-60 3M-3896-60 Datasheet
312Kb / 4P
3M™ Round, Jacketed, Flat Cable
July 2, 2007
logo
List of Unclassifed Man...
38960 ETC2-38960 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
38960 ETC2-38960 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
38960 ETC2-38960 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
More results


Similar Description - 3896

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3659 3M-3659 Datasheet
258Kb / 2P
3M Round, Shielded/Jacketed, Flat Cable
29-Jul-1999
3302 3M-3302 Datasheet
1Mb / 5P
3M Color Coded Flat Cable - .050 28 AWG Stranded, PVC
07-May-2009
3365 3M-3365 Datasheet
1Mb / 5P
3M Round Conductor Flat Cable .050 28 AWG Stranded, PVC
07-May-2009
3644 3M-3644 Datasheet
870Kb / 6P
3M Round, Shielded/Jacketed, Disc. Wire Cable 28 AWG Stranded, Twisted Pair, PO/PVC
13-May-2009
3659 3M-3659_1 Datasheet
1Mb / 5P
3M Round, Shielded/Jacketed, Flat Cable .050 28 AWG Stranded, Mass Terminatable, PVC/PVC
11-May-2009
3625-40100M 3M-3625-40100M Datasheet
870Kb / 5P
3M™ Round Conductor Flat Cable 1.0 mm 28 AWG Stranded, PVC
13-May-2009
logo
Tyco Electronics
171-50 MACOM-171-50 Datasheet
81Kb / 2P
FLAT CABLE 28 AWG STRANDED PVC INSULATION
logo
3M Electronics
1700-10 3M-1700-10 Datasheet
1Mb / 5P
.050" 28 AWG Stranded, Mass Terminatable Pair, PVC
04-May-2009
HF75930SF 3M-HF75930SF Datasheet
268Kb / 3P
3M Round, Jacketed, Flat Cable
07-Jun-2013
3609 3M-3609_V01 Datasheet
848Kb / 3P
3M™ Round Conductor Flat Cable .025 30 AWG Stranded, FEP
October 31, 2013
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com