Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMDA08CM Datasheet (PDF) - Protek Devices

SMDA08CM Datasheet PDF - Protek Devices
Part # SMDA08CM
Download  SMDA08CM Download
File Size   99.97 Kbytes
Page   4 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description STANDARD CAPACITANCE TVS ARRAY

SMDA08CM Datasheet (PDF)

Go To PDF Page Download Datasheet
SMDA08CM Datasheet PDF - Protek Devices

Part # SMDA08CM
Download  SMDA08CM Click to download

File Size   99.97 Kbytes
Page   4 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description STANDARD CAPACITANCE TVS ARRAY

SMDA08CM Datasheet (HTML) - Protek Devices


SMDA08CM Product details

DESCRIPTION
The SMDAxxCM Series are monolithic transient voltage suppressor arrays that provides board level protecton for standard TTL and MOS bus line applicatons against the damaging effects of ESD, tertary lightning and switching transients.
The SMDAxxCM Series has a peak pulse power ratng of 500 Wats for an 8/20µs waveshape. This device series meets the IEC 61000-4-2, IEC 61000-4-4 and IEC 61000-4-5 requirements.

FEATURES
• Compatble with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatble with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatble with IEC 61000-4-5 (Surge): 12A, 8/20µs - Level 1(Line-
   Gnd) & Level 2(Line-Line)
• 500 Wats Peak Pulse Power per Line (tp = 8/20µs)
• Bidirectonal Confguraton
• Available in Multple Voltages Ranging from 5V to 24V
• Protects 4-7 Lines
• Monolithic Design
• RoHS Compliant
• REACH Compliant

APPLICATIONS
• RS-232, RS-422 & RS-423 Data Lines
• Microprocessor Based Equipment
• Control & Monitoring Systems
• Portable Electronics
• Sensor Electronics
• Medical Electronics




Similar Part No. - SMDA08CM

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SMDA08CM PROTEC-SMDA08CM Datasheet
511Kb / 6P
500 WATT MULTI-LINE TVS ARRAY
SMDA08CM PROTEC-SMDA08CM Datasheet
512Kb / 6P
500 WATT MULTI-LINE TVS ARRAY
More results


Similar Description - SMDA08CM

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM20MT05C PROTEC-SM20MT05C Datasheet
176Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
CP05 PROTEC-CP05 Datasheet
109Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05 Datasheet
96Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
DA05L PROTEC-DA05L_07 Datasheet
68Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
DA05N PROTEC-DA05N_07 Datasheet
76Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-4 PROTEC-PSMDA05C-4_07 Datasheet
71Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-8 PROTEC-PSMDA05C-8_07 Datasheet
73Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05_07 Datasheet
85Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
logo
Pan Jit International I...
PJSOT05C-03 PANJIT-PJSOT05C-03 Datasheet
102Kb / 3P
STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-02 PANJIT-PJSOT05C-02_15 Datasheet
76Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com