Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTV-703VM Datasheet (PDF) - Lite-On Technology Corporation

LTV-703VM Datasheet PDF - Lite-On Technology Corporation
Part # LTV-703VM
Download  LTV-703VM Download
File Size   676.43 Kbytes
Page   4 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description High Collector-Emitter Voltage Type Photocoupler LTV-703V Series

LTV-703VM Datasheet (PDF)

Go To PDF Page Download Datasheet
LTV-703VM Datasheet PDF - Lite-On Technology Corporation

Part # LTV-703VM
Download  LTV-703VM Click to download

File Size   676.43 Kbytes
Page   4 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description High Collector-Emitter Voltage Type Photocoupler LTV-703V Series

LTV-703VM Datasheet (HTML) - Lite-On Technology Corporation


LTV-703VM Product details

Features
• High collector-emitter voltage(VCEO=70V)
• High input-output isolation voltage: (VISO : 5,000Vrms)
• Directly connectable to TTL
• UL approved (No. E113898)
• TUV approved (No.R9653630)
• CSA approved (No. CA91533-1)
• FIMKO approved (No. 193422)
• NEMKO approved (No. P96103013)
• DEMKO approved (No. 303968)
• SEMKO approved (No. 9646047/01-30)
• VDE approved (No. 094722)
• Options available :
    -Leads with 0.4"(10.16mm)spacing (M Type)
    -Leads bends for surface mounting(S Type)
    -Tape and Reel of Type I for SMD(Add"-TA"Suffix)
    -Tape and Reel of Type II for SMD(Add"-TA1"Suffix)
    -VDE 0884 approvals (Add"-V"Suffix)

Applications
1. Telephone sets, telephone exchangers.
2. System appliances, measuring instruments.
3. Signal transmission between circuits of different potentialsand impedances.




Similar Part No. - LTV-703VM

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-703VM TENAND-LTV-703VM Datasheet
798Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
More results


Similar Description - LTV-703VM

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC702V SHARP-PC702V Datasheet
67Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC703V SHARP-PC703V Datasheet
67Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC723V SHARP-PC723V Datasheet
66Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC725V SHARP-PC725V Datasheet
68Kb / 4P
High Sensitivity, High Collector-emitter Voltage Type Photocoupler
PC851 SHARP-PC851 Datasheet
65Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC723V0YSZX SHARP-PC723V0YSZX Datasheet
65Kb / 5P
High Collector-emitter Voltage Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-702F TENAND-LTV-702F Datasheet
738Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
LTV-703V TENAND-LTV-703V Datasheet
798Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
logo
Sharp Corporation
PC702V0YSZX SHARP-PC702V0YSZX Datasheet
69Kb / 5P
High Collector-emitter Voltage Type Photocoupler
PC725V0NSZX SHARP-PC725V0NSZX Datasheet
158Kb / 15P
High Sensitivity and High Collector-emitter Voltage Type Photocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com