Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOP802 Datasheet (PDF) - Alpha & Omega Semiconductors

AOP802 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOP802
Download  AOP802 Download
File Size   115.18 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Dual N-Channel Enhancement Mode Field Effect Transistor

AOP802 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOP802 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOP802
Download  AOP802 Click to download

File Size   115.18 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Dual N-Channel Enhancement Mode Field Effect Transistor

AOP802 Datasheet (HTML) - Alpha & Omega Semiconductors


AOP802 Product details

General Description
The AOP802 uses advanced trench technology to provide excellent RDS(ON) and low gate charge. This device is suitable for use as a load switch or in PWM applications. Standard Product AOP802 is Pb-free (meets ROHS & Sony 259 specifications). AOP802L is a Green Product ordering option. AOP802 and AOP802L are electrically identical.

Features
   VDS (V) = 60V
   ID = 7.9A (VGS = 10V)
   RDS(ON) < 25mΩ (VGS = 10V)
   RDS(ON) < 30mΩ (VGS = 4.5V)




Similar Part No. - AOP802

ManufacturerPart #DatasheetDescription
logo
Clarke International
AOP80 CLARKE-AOP80 Datasheet
2Mb / 8P
SODA BLAST CONVERSION KIT
LS0216
logo
Alpha & Omega Semicondu...
AOP800 AOSMD-AOP800 Datasheet
114Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
AOP800L AOSMD-AOP800L Datasheet
114Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
AOP804 AOSMD-AOP804 Datasheet
117Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
AOP804L AOSMD-AOP804L Datasheet
117Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Similar Description - AOP802

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8926A FAIRCHILD-FDS8926A Datasheet
201Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS8936A FAIRCHILD-FDS8936A Datasheet
229Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS9936A FAIRCHILD-FDS9936A Datasheet
416Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com