Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1014 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ1014 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ1014
Download  AOZ1014 Download
File Size   1137.88 Kbytes
Page   21 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck TM 5A Simple Buck Regulator

AOZ1014 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ1014 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ1014
Download  AOZ1014 Click to download

File Size   1137.88 Kbytes
Page   21 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck TM 5A Simple Buck Regulator

AOZ1014 Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ1014 Product details

General Description

The AOZ1014 is a high efficiency, simple to use, 5A buck regulator. The AOZ1014 works from a 4.5V to 16V input voltage range, and provides up to 5A of continuous output current with an output voltage adjustable down to 0.8V. The AOZ1014 comes in SO-8 and DFN-8 packages and is rated over a -40°C to +85°C ambient temperature range.



Features

• 4.5V to 16V operating input voltage range

• 32 mΩinternal PFET switch for high efficiency: up to 95%

• Internal soft start

• Output voltage adjustable to 0.8V

• 5A continuous output current

• Fixed 500kHz PWM operation

• Cycle-by-cycle current limit

• Short-circuit protection

• Thermal shutdown

• Small size SO-8 and DFN-8 packages



Applications

• Point of load dc/dc conversion

• PCIe graphics cards

• Set top boxes

• DVD drives and HDD

• LCD panels

• Cable modems

• Telecom/Networking/Datacom equipment



 




Similar Part No. - AOZ1014

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1014AI AOSMD-AOZ1014AI_09 Datasheet
533Kb / 19P
EZBuck??5A Simple Buck Regulator
AOZ1014DI AOSMD-AOZ1014DI_09 Datasheet
533Kb / 19P
EZBuck??5A Simple Buck Regulator
More results


Similar Description - AOZ1014

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1010 AOSMD-AOZ1010 Datasheet
568Kb / 16P
EZBuck TM 2A Simple Buck Regulator
AOZ1013 AOSMD-AOZ1013 Datasheet
570Kb / 16P
EZBuck TM 3A Simple Buck Regulator
AOZ1014AI AOSMD-AOZ1014AI_09 Datasheet
533Kb / 19P
EZBuck??5A Simple Buck Regulator
AOZ1014DI AOSMD-AOZ1014DI_09 Datasheet
533Kb / 19P
EZBuck??5A Simple Buck Regulator
AOZ1094AI AOSMD-AOZ1094AI Datasheet
813Kb / 19P
EZBuck??5A Simple Buck Regulator
AOZ1094DI AOSMD-AOZ1094DI Datasheet
813Kb / 19P
EZBuck??5A Simple Buck Regulator
AOZ1210AI AOSMD-AOZ1210AI Datasheet
418Kb / 14P
EZBuck??2A Simple Buck Regulator
AOZ1037 AOSMD-AOZ1037 Datasheet
588Kb / 14P
EZBuck??5A Synchronous Buck Regulator
AOZ1053PI AOSMD-AOZ1053PI Datasheet
697Kb / 14P
EZBuck??5A Synchronous Buck Regulator
AOZ1036DI AOSMD-AOZ1036DI Datasheet
676Kb / 17P
EZBuck??5A Synchronous Buck Regulator
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com