Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0914947 Datasheet (PDF) - PHOENIX CONTACT

0914947 Datasheet PDF - PHOENIX CONTACT
Part # 0914947
Download  0914947 Download
File Size   103.1 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - TMC 2 M1 120 0,5A

0914947 Datasheet (PDF)

Go To PDF Page Download Datasheet
0914947 Datasheet PDF - PHOENIX CONTACT

Part # 0914947
Download  0914947 Click to download

File Size   103.1 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - TMC 2 M1 120 0,5A

0914947 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 0914947

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09149001000 HARTING-09149001000 Datasheet
494Kb / 2P
Han Domino Dummy cube (MF.1)
2022-11-18
09149002000 HARTING-09149002000 Datasheet
494Kb / 2P
Han Domino Dummy cube (MF.2)
2022-11-18
09149041001 HARTING-09149041001 Datasheet
508Kb / 2P
Han Domino EE cube, crimp (M.1)
2022-10-13
logo
PHOENIX CONTACT
0914905 PHOENIX-0914905 Datasheet
312Kb / 9P
TMC 2 F1 120 16,0A - Thermal-magnetic device circuit breaker
logo
HARTING Technology Grou...
09149161001 HARTING-09149161001 Datasheet
506Kb / 2P
Han Domino HD cube, crimp (M.1)
2022-11-25
More results


Similar Description - 0914947

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0914769 PHOENIX-0914769 Datasheet
94Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 F1 120 0,5A
0915085 PHOENIX-0915085 Datasheet
103Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 M1 120 16,0A
09/11/2020
0914400 PHOENIX-0914400 Datasheet
155Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 M1 100 0,5A
11.06.2012
0914950 PHOENIX-0914950 Datasheet
120Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 M1 120 0,6A
11.06.2012
0914976 PHOENIX-0914976 Datasheet
128Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 M1 120 1,0A
04.10.2012
0914992 PHOENIX-0914992 Datasheet
120Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 M1 120 2,0A
11.06.2012
0915014 PHOENIX-0915014 Datasheet
120Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 M1 120 3,0A
11.06.2012
0915043 PHOENIX-0915043 Datasheet
127Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 M1 120 6,0A
04.10.2012
0915056 PHOENIX-0915056 Datasheet
83Kb / 7P
Thermomagnetic device circuit breaker - TMC 2 M1 120 8,0A
11.06.2012
0915072 PHOENIX-0915072 Datasheet
83Kb / 7P
Thermomagnetic device circuit breaker - TMC 2 M1 120 12,0A
11.06.2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com