Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOB416L Datasheet (PDF) - Alpha & Omega Semiconductors

AOB416L Datasheet PDF - Alpha & Omega Semiconductors
Part # AOB416L
Download  AOB416L Download
File Size   120.22 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description N-Channel Enhancement Mode Field Effect Transistor

AOB416L Datasheet (PDF)

Go To PDF Page Download Datasheet
AOB416L Datasheet PDF - Alpha & Omega Semiconductors

Part # AOB416L
Download  AOB416L Click to download

File Size   120.22 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description N-Channel Enhancement Mode Field Effect Transistor

AOB416L Datasheet (HTML) - Alpha & Omega Semiconductors


AOB416L Product details

General Description
The AOB416 uses advanced trench technology to provide excellent RDS(ON), shoot-through immunity and body diode characteristics. This device is ideally suited for use as a low side switch in CPU core power conversion. Standard Product AOB416 is Pb-free (meets ROHS & Sony 259 specifications). AOB416L is a Green Product ordering option. AOB416 and AOB416L are electrically identical.

Features
    VDS (V) = 30V
    ID = 110A (VGS = 10V)
    RDS(ON) < 4.5mΩ (VGS = 10V) @ 30A
    RDS(ON) < 6.5mΩ (VGS = 4.5V) @ 30A




Similar Part No. - AOB416L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB416 AOSMD-AOB416 Datasheet
273Kb / 7P
100V N-Channel MOSFET
logo
Inchange Semiconductor ...
AOB416 ISC-AOB416 Datasheet
283Kb / 2P
isc N-Channel MOSFET Transistor
logo
Alpha & Omega Semicondu...
AOB416 AOSMD-AOB416_09 Datasheet
273Kb / 7P
100V N-Channel MOSFET
More results


Similar Description - AOB416L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com