Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOB430YL Datasheet (PDF) - Alpha & Omega Semiconductors

AOB430YL Datasheet PDF - Alpha & Omega Semiconductors
Part # AOB430YL
Download  AOB430YL Download
File Size   131.41 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description N-Channel Enhancement Mode Field Effect Transistor

AOB430YL Datasheet (PDF)

Go To PDF Page Download Datasheet
AOB430YL Datasheet PDF - Alpha & Omega Semiconductors

Part # AOB430YL
Download  AOB430YL Click to download

File Size   131.41 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description N-Channel Enhancement Mode Field Effect Transistor

AOB430YL Datasheet (HTML) - Alpha & Omega Semiconductors


AOB430YL Product details

General Description
The AOB430Y uses advanced trench technology and design to provide excellent RDS(ON) with low gate charge. This device is suitable for use in high voltage synchronous rectification , load switching and general purpose applications. Standard product AOB430Y is Pb free, inside and out. It uses Pb-free dia attach and plating material(meets ROHS & Sony 259 specifications). AOB430YL is a Green Product ordering option. AOB430Y and AOB430YL are electrically identical.

Features
    VDS (V) = 60V
    ID = 12A (Vgs=10V)
    RDS(ON) < 63 mΩ (VGS =10V)
    RDS(ON) < 85 mΩ (VGS = 6V)




Similar Part No. - AOB430YL

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB430 AOSMD-AOB430 Datasheet
128Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
logo
Inchange Semiconductor ...
AOB430 ISC-AOB430 Datasheet
321Kb / 2P
isc N-Channel MOSFET Transistor
logo
Alpha & Omega Semicondu...
AOB430L AOSMD-AOB430L Datasheet
128Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
More results


Similar Description - AOB430YL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com