Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISOUSB111 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
ISOUSB111 Datasheet PDF - Texas Instruments
Part # ISOUSB111
Download  ISOUSB111 Download
File Size   1644.83 Kbytes
Page   31 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ISOUSB111 Full/Low Speed Isolated USB Repeater

ISOUSB111 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISOUSB111 Datasheet PDF - Texas Instruments

Part # ISOUSB111
Download  ISOUSB111 Click to download

File Size   1644.83 Kbytes
Page   31 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ISOUSB111 Full/Low Speed Isolated USB Repeater

ISOUSB111 Datasheet (HTML) - Texas Instruments


ISOUSB111 Product details

Description
ISOUSB111 is a galvanically-isolated USB 2.0
compliant repeater supporting low speed (1.5 Mbps)
and full speed (12 Mbps) signaling rates. The
device supports automatic connect and speed
detection, reflection of pull-ups/pull-downs, and link
power management allowing drop-in USB hub, host,
peripheral and cable isolation. The device also
supports automatic role reversal - if after disconnect,
a new connect is detected on the Upstream facing
port, then the Upstream and Downstream port
definitions are reversed. This device uses a silicon
dioxide (SiO2) insulation barrier with a withstand
voltage of up to 5700 VRMS and a working voltage
of 1500 VRMS. Used in conjunction with isolated power
supplies, the device protects against high voltage, and
prevents noise currents from the bus from entering
the local ground. The ISOUSB111 device is available
for both basic and reinforced isolation (see Reinforced
and Basic Isolation Options). It supports a wide
ambient temperature range of –40°C to +125°C. The
device is available in the standard SOIC-16 (16-DW)
package.

Features
• Compliant to USB 2.0
• Supports low speed (1.5 Mbps) and full speed (12
Mbps) signaling
• Automatic speed and connection detection
• Supports role reversal
• High CMTI: 100 kV/µs
• VBUS voltage range: 4.25 V to 5.5 V
– 3.3 V internal LDO
• Meets CISPR32 class B emissions limits
• Ambient temperature range: –40°C to +125°C
• 16-SOIC package
• Safety-related certifications:
– 8000-VPK VIOTM and 1500-VPK VIORM
(Reinforced and Basic Options) per DIN VDE
V 0884-11
– 5700-VRMS isolation for 1 minute per UL 1577
– IEC 62368-1, IEC 60601-1 and IEC 61010-1
certifications
– CQC, TUV and CSA certifications
– All certifications planned

Applications
• USB Hub, Host, Peripheral and Cable Isolation
• Medical
• Factory automation
• Motor drives
• Grid infrastructure
• Power delivery




Similar Part No. - ISOUSB111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISOUSB111 TI-ISOUSB111 Datasheet
1Mb / 35P
ISOUSB111 Full/Low Speed Isolated USB Repeater
APRIL 2022
ISOUSB111 TI-ISOUSB111 Datasheet
1Mb / 40P
ISOUSB111 Full/Low Speed Isolated USB Repeater
REVISED JULY 2022
ISOUSB111 TI-ISOUSB111 Datasheet
1Mb / 40P
ISOUSB111 Full/Low Speed Isolated USB Repeater
REVISED SEPTEMBER 2022
ISOUSB111B TI-ISOUSB111B Datasheet
1Mb / 40P
ISOUSB111 Full/Low Speed Isolated USB Repeater
REVISED SEPTEMBER 2022
ISOUSB111DWR TI-ISOUSB111DWR Datasheet
1Mb / 40P
ISOUSB111 Full/Low Speed Isolated USB Repeater
REVISED JULY 2022
More results


Similar Description - ISOUSB111

ManufacturerPart #DatasheetDescription
logo
Agere Systems
USS810 AGERE-USS810 Datasheet
238Kb / 14P
USB 2.0 Full-Speed/Low-Speed Transceiver
Rev. 6 March 2006
logo
Analog Devices
ADUM4160 AD-ADUM4160 Datasheet
425Kb / 14P
Full/Low Speed USB Digital Isolator
Rev. Pr F
logo
Advantech Co., Ltd.
USB-4620 ADVANTECH-USB-4620_15 Datasheet
207Kb / 1P
5-port Full-speed Isolated USB 2.0 Hub
logo
Feeling Technology Corp...
FM8PU86LV FEELING-FM8PU86LV Datasheet
1Mb / 40P
Low Power Full-Speed USB Controller
logo
Advantech Co., Ltd.
USB-4620 ADVANTECH-USB-4620 Datasheet
584Kb / 1P
5-Port Isolated USB 2.0 Full-Speed Hub
29-Sep-2020
logo
Texas Instruments
ISOUSB211 TI-ISOUSB211 Datasheet
1Mb / 40P
ISOUSB211 High/Full/Low Speed Isolated USB Repeater
NOVEMBER 2021
ISOUSB111 TI-ISOUSB111_V01 Datasheet
1Mb / 35P
ISOUSB111 Full/Low Speed Isolated USB Repeater
APRIL 2022
ISOUSB111 TI-ISOUSB111_V02 Datasheet
1Mb / 40P
ISOUSB111 Full/Low Speed Isolated USB Repeater
REVISED JULY 2022
ISOUSB111 TI-ISOUSB111_V03 Datasheet
1Mb / 40P
ISOUSB111 Full/Low Speed Isolated USB Repeater
REVISED SEPTEMBER 2022
ISOUSB211 TI-ISOUSB211_V01 Datasheet
1Mb / 44P
ISOUSB211 High/Full/Low Speed Isolated USB Repeater
REVISED SEPTEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com