Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P159N Datasheet (PDF) - ELAN Microelectronics Corp

EM78P159N Datasheet PDF - ELAN Microelectronics Corp
Part # EM78P159N
Download  EM78P159N Download
File Size   453.33 Kbytes
Page   48 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8-Bit Microcontroller with OTP ROM

EM78P159N Datasheet (PDF)

Go To PDF Page Download Datasheet
EM78P159N Datasheet PDF - ELAN Microelectronics Corp

Part # EM78P159N
Download  EM78P159N Click to download

File Size   453.33 Kbytes
Page   48 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8-Bit Microcontroller with OTP ROM

EM78P159N Datasheet (HTML) - ELAN Microelectronics Corp


EM78P159N Product details

General Description
EM78P159N is an 8-bit microprocessor designed and developed with low-power, high-speed CMOS technology. It is equipped with 1K*13-bits Electrical One Time Programmable Read Only Memory (OTP-ROM). It provides three PROTECTION bits to prevent user’s code in the OTP memory from being intruded. 8 OPTION bits are also available to meet user’s requirements.

Features
■ Operating voltage range:
    • 2.1V~5.5V at 0°C~70°C
    • 2.3V~5.5V at 40°C~85°C
■ Operating frequency range (base on 2 clocks ):
    • Crystal mode: DC~20MHz at 5.0V, DC~8MHz at 3.0V, DC~4MHz at 2.1V
    • ERC mode: DC~4MHz at 5.0~2.1V
    • IRC mode: 4 choices of frequencies available; i.e., 8M, 4M, 1M, & 455kHz
■ IRC mode:
    • All these four main frequencies can be trimmed by programming with four calibrated bits in the ICE159N Simulator. OTP is auto trimmed by DWTR.
    • Temperature, Voltage, and Process changes will influence the frequency drift
    • Frequency deviation is only ±4.5% after auto trimming (based on Vdd=5V, Ta=25°C)
■ Fast set-up time only requires about 2ms in high XTAL and 32CLKS in IRC mode from wake up to operating mode
■ Low power consumption:
    • Less then 2mA at 5V/4MHz
    • Typically 20μA at 3V/32kHz
    • Typically 1μA during Sleep mode
■ 1K × 13 bits on chip ROM
■ One security register to prevent intrusion of OTP memory codes
■ One configuration register to accommodate user’s requirements
■ 48× 8 bits on chip registers (SRAM, general purpose register)
■ 2 bi-directional I/O ports
■ 5 level stacks for subroutine nesting
■ 8-bit real time clock/counter (TCC) with selective signal sources, trigger edges, and overflow interrupt
■ Two clocks per instruction cycle
■ Power down (SLEEP) mode
■ Three available interruptions:
    • TCC overflow interrupt
    • Input-port status changed interrupt (wake up from Sleep mode)
    • External interrupt
■ Programmable free running watchdog timer
■ 8 programmable pull-high pins
■ 8 programmable pull-down pins
■ 8 programmable open-drain pins
■ 2 programmable R-option pins
■ Package types:
    • 18 pin DIP 300mil : EM78P159NP
    • 18 pin SOP 300mil : EM78P159NM
    • 20 pin SSOP 209mil : EM78P159NAS
    • 20 pin SSOP 209mil : EM78P159NKM
■ 99.9% single instruction cycle commands
■ The transient point of system frequency between HXT and LXT is around 400kHz




Similar Part No. - EM78P159N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM78P152S ETC1-EM78P152S Datasheet
661Kb / 52P
8-Bit Microcontroller with OTP ROM
logo
ELAN Microelectronics C...
EM78P153 EMC-EM78P153 Datasheet
1Mb / 19P
8-bit microprocessor with low-power and high-speed CMOS technology
logo
List of Unclassifed Man...
EM78P153 ETC1-EM78P153 Datasheet
661Kb / 52P
8-Bit Microcontroller with OTP ROM
logo
ELAN Microelectronics C...
EM78P153B EMC-EM78P153B Datasheet
1Mb / 46P
8-Bit Microcontroller with OTP ROM
EM78P153BD14 EMC-EM78P153BD14 Datasheet
1Mb / 46P
8-Bit Microcontroller with OTP ROM
More results


Similar Description - EM78P159N

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P451S EMC-EM78P451S Datasheet
421Kb / 54P
8-Bit Microcontroller with OTP ROM
EM78P157N EMC-EM78P157N Datasheet
495Kb / 56P
8-Bit Microcontroller with OTP ROM
EM78P154N EMC-EM78P154N Datasheet
487Kb / 46P
8-Bit Microcontroller with OTP ROM
EM78P211 EMC-EM78P211 Datasheet
63Kb / 4P
8-Bit Microcontroller with OTP ROM
EM78P153B EMC-EM78P153B Datasheet
1Mb / 46P
8-Bit Microcontroller with OTP ROM
EM78P153K EMC-EM78P153K Datasheet
903Kb / 68P
8-Bit Microcontroller with OTP ROM
EM78P163N EMC-EM78P163N Datasheet
700Kb / 82P
8-Bit Microcontroller with OTP ROM
EM78P176N EMC-EM78P176N Datasheet
1Mb / 64P
8-Bit Microcontroller with OTP ROM
EM78P372N EMC-EM78P372N Datasheet
3Mb / 126P
8-Bit Microcontroller with OTP ROM
logo
List of Unclassifed Man...
EM78P152S ETC1-EM78P152S Datasheet
661Kb / 52P
8-Bit Microcontroller with OTP ROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com