Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOD464L Datasheet (PDF) - Alpha & Omega Semiconductors

AOD464L Datasheet PDF - Alpha & Omega Semiconductors
Part # AOD464L
Download  AOD464L Download
File Size   129.14 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description N-Channel Enhancement Mode Field Effect Transistor

AOD464L Datasheet (PDF)

Go To PDF Page Download Datasheet
AOD464L Datasheet PDF - Alpha & Omega Semiconductors

Part # AOD464L
Download  AOD464L Click to download

File Size   129.14 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description N-Channel Enhancement Mode Field Effect Transistor

AOD464L Datasheet (HTML) - Alpha & Omega Semiconductors


AOD464L Product details

General Description
The AOD464 uses advanced trench technology and design to provide excellent RDS(ON) with low gate charge. This device is suitable for use in high voltage synchronous rectification , load switching and general purpose applications. Standard Product AOD464 is Pb-free (meets ROHS & Sony 259 specifications). AOD464L is a Green Product ordering option. AOD464 and AOD464L are electrically identical.

Features
    VDS (V) = 105V
    ID = 40 A (VGS =10V)
    RDS(ON) < 28 mΩ (VGS =10V) @ 20A
    RDS(ON) < 31 mΩ (VGS = 6V)




Similar Part No. - AOD464L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD464 AOSMD-AOD464 Datasheet
152Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AOD464 KEXIN-AOD464 Datasheet
1Mb / 5P
N-Channel Enhancement MOSFET
logo
VBsemi Electronics Co.,...
AOD464 VBSEMI-AOD464 Datasheet
983Kb / 8P
N-Channel 100-V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOD464 ISC-AOD464 Datasheet
309Kb / 2P
isc N-Channel MOSFET Transistor
logo
Alpha & Omega Semicondu...
AOD464 AOSMD-AOD464_10 Datasheet
152Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
More results


Similar Description - AOD464L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com