Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM93LC56VSA Datasheet (PDF) - Anachip Corp

AM93LC56VSA Datasheet PDF - Anachip Corp
Part # AM93LC56VSA
Download  AM93LC56VSA Download
File Size   191.85 Kbytes
Page   10 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description 2048-bits Serial Electrically Erasable PROM

AM93LC56VSA Datasheet (PDF)

Go To PDF Page Download Datasheet
AM93LC56VSA Datasheet PDF - Anachip Corp

Part # AM93LC56VSA
Download  AM93LC56VSA Click to download

File Size   191.85 Kbytes
Page   10 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description 2048-bits Serial Electrically Erasable PROM

AM93LC56VSA Datasheet (HTML) - Anachip Corp


AM93LC56VSA Product details

General Description
The AM93LC56 is the 2048-bit non-volatile serial EEPROM. It is manufactured by using ATCs advanced CMOS EEPROM technology. The AM93LC56 provides efficient non-volatile read/write memory arranged as 128 words of 16 bits each when the ORG Pin is connected to VCC and 256 words of 8 bits each when it is tied to ground. The instruction set includes read, write, and write enable/disable functions. The data out pin (DO) indicates the status of the device during the self-timed non-volatile programming cycle.

Features
• State-of-the-art architecture
   - Non-volatile data storage
   - Standard voltage and low voltage operation Vcc: 2.7V ~ 5.5V
   - Full TTL compatible inputs and outputs
   - Auto increment read for efficient data dump
• Hardware and software write protection
   - Defaults to write-disabled state at power up
   - Software instructions for write-enable/disable
   - VCC level verification before self-timed programming cycle
• Advanced low voltage CMOS EEPROM technology
• Versatile, easy-to-use interface
   - Self-timed programming cycle
   - Automatic erase-before-write
   - Programming status indicator
   - Word and chip erasable
   - Stop SK anytime for power savings
• Durability and reliability
   - 40 years data retention
   - Minimum of 1M write cycles per word
   - Unlimited read cycles
   - ESD protection




Similar Part No. - AM93LC56VSA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
1024-bits Serial Electrically Erasable PROM
AM93LC46GS8 ETC-AM93LC46GS8 Datasheet
189Kb / 10P
1024-bits Serial Electrically Erasable PROM
AM93LC46GS8A ETC-AM93LC46GS8A Datasheet
189Kb / 10P
1024-bits Serial Electrically Erasable PROM
AM93LC46IGS8 ETC-AM93LC46IGS8 Datasheet
189Kb / 10P
1024-bits Serial Electrically Erasable PROM
AM93LC46IGS8A ETC-AM93LC46IGS8A Datasheet
189Kb / 10P
1024-bits Serial Electrically Erasable PROM
More results


Similar Description - AM93LC56VSA

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
4,096-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
1,024-Bit Serial Electrically Erasable PROM
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
1024-bits Serial Electrically Erasable PROM
logo
Anachip Corp
AM93LC66 ANACHIP-AM93LC66 Datasheet
188Kb / 10P
4096-bits Serial Electrically Erasable PROM
Rev.A1 Oct 20, 2003
AM24LC16 ANACHIP-AM24LC16 Datasheet
203Kb / 10P
2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
Rev.A1 Oct 20, 2003
logo
Integrated Silicon Solu...
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Anachip Corp
AM93LC86 ANACHIP-AM93LC86 Datasheet
215Kb / 12P
16384-bits Serial Electrically Erasable PROM
Rev 0.1 Oct 20, 2003
logo
List of Unclassifed Man...
AV93LC46 ETC1-AV93LC46 Datasheet
214Kb / 9P
1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
logo
Integrated Silicon Solu...
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
1,024-Bit Serial Electrically Erasable PROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com