Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4817L Datasheet (PDF) - Alpha & Omega Semiconductors

AO4817L Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4817L
Download  AO4817L Download
File Size   107.62 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Dual P-Channel Enhancement Mode Field Effect Transistor

AO4817L Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4817L Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4817L
Download  AO4817L Click to download

File Size   107.62 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Dual P-Channel Enhancement Mode Field Effect Transistor

AO4817L Datasheet (HTML) - Alpha & Omega Semiconductors


AO4817L Product details

General Description
The AO4817 uses advanced trench technology to provide excellent RDS(ON), and ultra-low low gate charge with a 25V gate rating. This device is suitable for use as a load switch or in PWM applications. The device is ESD protected. Standard Product AO4817 is Pb-free (meets ROHS & Sony 259 specifications). AO4817L is a Green Product ordering option. AO4817 and AO4817L are electrically identical.

Features
  VDS (V) = -30V
  ID = -8A (VGS = -20V)
  RDS(ON) < 18mΩ (VGS = -20V)
  RDS(ON) < 21mΩ (VGS = -10V)
  ESD Rating: 1.5KV HBM




Similar Part No. - AO4817L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4817 AOSMD-AO4817 Datasheet
174Kb / 4P
25V Dual P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4817 KEXIN-AO4817 Datasheet
1Mb / 4P
Dual P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4817 VBSEMI-AO4817 Datasheet
1Mb / 9P
Dual P-Channel 30-V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4817-HF KEXIN-AO4817-HF Datasheet
1Mb / 4P
Dual P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4817 AOSMD-AO4817_10 Datasheet
174Kb / 4P
25V Dual P-Channel MOSFET
More results


Similar Description - AO4817L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDH8502P FAIRCHILD-NDH8502P Datasheet
72Kb / 7P
Dual P-Channel Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
AO7801 ETC-AO7801 Datasheet
537Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO8801 AOSMD-AO8801 Datasheet
109Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4801 AOSMD-AO4801 Datasheet
110Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4813 AOSMD-AO4813 Datasheet
185Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4821 AOSMD-AO4821 Datasheet
116Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84DW DIODES-BSS84DW_1 Datasheet
447Kb / 4P
DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30204 Rev. 10 - 2
logo
Chenmko Enterprise Co. ...
CHM2407JPT CHENMKO-CHM2407JPT Datasheet
235Kb / 2P
Dual P-Channel Enhancement Mode Field Effect Transistor
CHM4432JPT CHENMKO-CHM4432JPT Datasheet
204Kb / 2P
Dual P-Channel Enhancement Mode Field Effect Transistor
CHM8531JPT CHENMKO-CHM8531JPT Datasheet
204Kb / 2P
Dual P-Channel Enhancement Mode Field Effect Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com