Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4832 Datasheet (PDF) - Alpha & Omega Semiconductors

AO4832 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4832
Download  AO4832 Download
File Size   114.89 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor

AO4832 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4832 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4832
Download  AO4832 Click to download

File Size   114.89 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor

AO4832 Datasheet (HTML) - Alpha & Omega Semiconductors


AO4832 Product details

General Description

The AO4832 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 2.5V. This device is suitable for use as a load switch or in PWM applications. Standard Product AO4832 is Pb-free (meets ROHS & Sony 259 specifications). AO4832L is a Green Product ordering option. AO4832 and AO4832L are electrically identical.



Features

  VDS (V) = 30V

  ID = 8 A (VGS = 10V)

  RDS(ON) < 15mΩ (VGS = 10V)

  RDS(ON) < 17mΩ (VGS = 4.5)

  RDS(ON) < 23mΩ (VGS = 2.5V)



 




Similar Part No. - AO4832

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4832 AOSMD-AO4832 Datasheet
552Kb / 6P
30V Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4832 VBSEMI-AO4832 Datasheet
1Mb / 9P
N-Channel 0-V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
AO4832 TECHPUBLIC-AO4832 Datasheet
5Mb / 5P
Dual N-Channel Enhancement Mode Power MOSFET
logo
Guangdong Youtai Semico...
AO4832 UMW-AO4832 Datasheet
438Kb / 8P
30V N-Channel MOSFET
More results


Similar Description - AO4832

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AO8800 ALPHA-AO8800 Datasheet
226Kb / 6P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO8814 AOSMD-AO8814 Datasheet
119Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AO8816 AOSMD-AO8816 Datasheet
111Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AO8830 AOSMD-AO8830 Datasheet
121Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AON3812 AOSMD-AON3812 Datasheet
123Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AO8832 AOSMD-AO8832 Datasheet
219Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KO8822 KEXIN-KO8822 Datasheet
138Kb / 2P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
SI8822 KEXIN-SI8822 Datasheet
158Kb / 2P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com