Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4914AL Datasheet (PDF) - Alpha & Omega Semiconductors

AO4914AL Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4914AL
Download  AO4914AL Download
File Size   184.91 Kbytes
Page   8 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode

AO4914AL Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4914AL Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4914AL
Download  AO4914AL Click to download

File Size   184.91 Kbytes
Page   8 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode

AO4914AL Datasheet (HTML) - Alpha & Omega Semiconductors


AO4914AL Product details

General Description
The AO4914A uses advanced trench technology to provide excellent R DS(ON) and low gate charge. The two MOSFETs make a compact and efficient switch and synchronous rectifier combination for use in DC-DC converters. A Schottky diode is co-packaged in parallel with the synchronous MOSFET to boost efficiency further Standard product AO4914A is Pb-free (meets ROHS & Sony 259 specifications). AO4914AL is a Green Product ordering option. AO4914A and AO4914AL are electrically identical.

Features
   Q1                                        Q2
   VDS (V) = 30V                       VDS(V) = 30V
   ID = 8.5A (VGS = 10V)           ID = 8.5A (VGS = 10V)
   RDS(ON) < 18mΩ                  <18mΩ (VGS = 10V)
   RDS(ON) < 28mΩ                  <28mΩ (VGS = 4.5V)

SCHOTTKY
   VDS (V) = 30V, IF = 3A, VF<0.5V@1A




Similar Part No. - AO4914AL

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4914 AOSMD-AO4914 Datasheet
147Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4914 AOSMD-AO4914 Datasheet
655Kb / 9P
30V Dual N-Channel MOSFET with Schottky Diode
logo
Guangdong Kexin Industr...
AO4914 KEXIN-AO4914 Datasheet
3Mb / 7P
Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4914 AOSMD-AO4914_11 Datasheet
655Kb / 9P
30V Dual N-Channel MOSFET with Schottky Diode
More results


Similar Description - AO4914AL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO4916 ETC1-AO4916 Datasheet
547Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
Alpha & Omega Semicondu...
AO4914 AOSMD-AO4914 Datasheet
147Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4900A AOSMD-AO4900A Datasheet
119Kb / 5P
Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4904 AOSMD-AO4904 Datasheet
149Kb / 5P
Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4906 AOSMD-AO4906 Datasheet
123Kb / 5P
Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4916A AOSMD-AO4916A Datasheet
189Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
VBsemi Electronics Co.,...
VBA3316SA VBSEMI-VBA3316SA Datasheet
773Kb / 9P
Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com