Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO6408 Datasheet (PDF) - Alpha & Omega Semiconductors

AO6408 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO6408
Download  AO6408 Download
File Size   143.89 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description N-Channel Enhancement Mode Field Effect Transistor

AO6408 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO6408 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO6408
Download  AO6408 Click to download

File Size   143.89 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description N-Channel Enhancement Mode Field Effect Transistor

AO6408 Datasheet (HTML) - Alpha & Omega Semiconductors


AO6408 Product details

General Description
The AO6408 uses advanced trench technology to provide excellent RDS(ON) and low gate charge. It offers operation over a wide gate drive range from 1.8V to 12V. It is ESD protected. This device is suitable for use as a load switch. Standard product AO6408 is Pb-free (meets ROHS & Sony 259 specifications). AO6408L is a Green Product ordering option. AO6408 and AO6408L are electrically identical.

Features
   VDS (V) = 20V
   ID = 8.8A (VGS = 10V)
   RDS(ON) < 18mΩ (VGS = 10V)
   RDS(ON) < 20mΩ (VGS = 4.5V)
   RDS(ON) < 25mΩ (VGS = 2.5V)
   RDS(ON) < 32mΩ (VGS = 1.8V)
   ESD Rating: 2000V HBM




Similar Part No. - AO6408

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO6408 AOSMD-AO6408 Datasheet
174Kb / 4P
20V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6408 KEXIN-AO6408 Datasheet
1Mb / 4P
N-Channel MOSFET
AO6408-HF KEXIN-AO6408-HF Datasheet
1Mb / 4P
N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO6408 AOSMD-AO6408_10 Datasheet
174Kb / 4P
20V N-Channel MOSFET
More results


Similar Description - AO6408

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com