Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8316Z Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
MCT8316Z Datasheet PDF - Texas Instruments
Part # MCT8316Z
Download  MCT8316Z Download
File Size   4179.69 Kbytes
Page   104 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description MCT8316Z Sensored Trapezoidal Integrated FET BLDC Motor Driver

MCT8316Z Datasheet (PDF)

Go To PDF Page Download Datasheet
MCT8316Z Datasheet PDF - Texas Instruments

Part # MCT8316Z
Download  MCT8316Z Click to download

File Size   4179.69 Kbytes
Page   104 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description MCT8316Z Sensored Trapezoidal Integrated FET BLDC Motor Driver

MCT8316Z Datasheet (HTML) - Texas Instruments


MCT8316Z Product details

Description
The MCT8316Z provides a single-chip code-free
sensored trapezoidal solution for customers driving
12- to 24-V brushless-DC motors. The MCT8316Z
integrates three 1/2-H bridges with 40-V absolute
maximum capability and a very low RDS(ON) of
95 mOhms (high-side and low-side combined) to
enable high power drive capability. Current is sensed
using an integrated current sensing feature which
eliminates the need for external sense resistors.
Power management features of an adjustable buck
regulator and LDO generate the necessary voltage
rails for the device and can be used to power external
circuits.
MCT8316Z implements sensored trapezoidal control
in a fixed-function state machine, so an external
microcontroller is not required to spin the brushlessDC motor. The device integrates three analog hall
comparators for position sensing to achieve sensored
trapezoidal BLDC motor control. The control scheme
is highly configurable through hardware pins or
register settings ranging from motor current limiting
behavior to fault response. The speed can be
controlled through a PWM input.
There are a large number of protection features
integrated into the MCT8316Z, intended to protect the
device, motor, and system against fault events.
Refer Application Information for design consideration
and recommendation on device usage.

Features
• Three-phase BLDC motor driver with integrated
Sensored Trapezoidal control
– Hall Sensor based Trapezodial (120°)
commutation
– Supports Analog or Digital Hall inputs
– Configurable PWM modulation: Synchronous/
Asynchronous
– Cycle-by-cycle current limit to limit phase
current
– Supports up to 200-kHz PWM frequency
– Active Demagnetization to reduce power losses
• 4.5-V to 35-V operating voltage (40-V abs max)
• High output current capability: 8-A Peak
• Low MOSFET on-state resistance
– 95-mΩ RDS(ON) (HS + LS) at TA = 25°C
• Low power sleep mode
– 1.5-µA at VVM = 24-V, TA = 25°C
• Integrated built-in current sense
– Doesn't require external current sense resistors
• Flexible device configuration options
– MCT8316ZR: 5-MHz 16-bit SPI interface for
device configuration and fault status
– MCT8316ZT: Hardware pin based configuration
• Supports 1.8-V, 3.3-V, and 5-V logic inputs
• Built-in 3.3-V (5%), 30-mA LDO regulator
• Built-in 3.3-V/5-V, 200-mA buck regulator
• Delay compensation reduces duty cycle distortion
• Suite of integrated protection features
– Supply undervoltage lockout (UVLO)
– Charge pump undervoltage (CPUV)
– Overcurrent protection (OCP)
– Motor lock protection
– Thermal warning and shutdown (OTW/OTSD)
– Fault condition indication pin (nFAULT)
– Optional fault diagnostics over SPI interface

Applications
• Brushless-DC (BLDC) Motor Modules
• Small home appliances
• HVAC motors
• Office automation machines
• Factory automation and robotics




Similar Part No. - MCT8316Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MCT8316Z TI-MCT8316Z Datasheet
2Mb / 91P
MCT8316Z Sensored Trapezoidal Integrated FET BLDC Motor Driver
MCT8316Z TI-MCT8316Z Datasheet
4Mb / 100P
MCT8316Z-Q1 Sensored Trapezoidal Integrated FET BLDC Motor Driver
DECEMBER 2021
MCT8316Z-Q1 TI-MCT8316Z-Q1 Datasheet
2Mb / 92P
MCT8316Z-Q1 Sensored Trapezoidal Integrated FET BLDC Motor Driver
DECEMBER 2021
MCT8316Z-Q1 TI-MCT8316Z-Q1 Datasheet
4Mb / 100P
MCT8316Z-Q1 Sensored Trapezoidal Integrated FET BLDC Motor Driver
DECEMBER 2021
MCT8316Z-Q1 TI-MCT8316Z-Q1_V01 Datasheet
4Mb / 100P
MCT8316Z-Q1 Sensored Trapezoidal Integrated FET BLDC Motor Driver
DECEMBER 2021
More results


Similar Description - MCT8316Z

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
BLDC Vibration Motor Driver
logo
Texas Instruments
MCT8316Z TI-MCT8316Z Datasheet
2Mb / 91P
MCT8316Z Sensored Trapezoidal Integrated FET BLDC Motor Driver
MCT8316A TI-MCT8316A Datasheet
4Mb / 168P
MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
SLLSFH8 ??AUGUST 2021
MCT8316Z TI-MCT8316Z_V01 Datasheet
4Mb / 103P
MCT8316Z Sensored Trapezoidal Integrated FET BLDC Motor Driver
REVISED OCTOBER 2021
MCT8316Z-Q1 TI-MCT8316Z-Q1 Datasheet
2Mb / 92P
MCT8316Z-Q1 Sensored Trapezoidal Integrated FET BLDC Motor Driver
DECEMBER 2021
MCT8316A TI-MCT8316A_V01 Datasheet
5Mb / 179P
MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
DECEMBER 2021
MCT8316Z-Q1 TI-MCT8316Z-Q1_V01 Datasheet
4Mb / 100P
MCT8316Z-Q1 Sensored Trapezoidal Integrated FET BLDC Motor Driver
DECEMBER 2021
MCT8315A TI-MCT8315A Datasheet
4Mb / 166P
MCT8315A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
DECEMBER 2022
MCT8317A TI1-MCT8317A Datasheet
3Mb / 161P
MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
JANUARY 2023
MCT8315Z TI1-MCT8315Z Datasheet
2Mb / 95P
MCT8315Z Sensored Trapezoidal Integrated FET BLDC Motor Driver
DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com