Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRT-14299 Datasheet (PDF) - SparkFun Electronics

PRT-14299 Datasheet PDF - SparkFun Electronics
Part # PRT-14299
Download  PRT-14299 Download
File Size   78.45 Kbytes
Page   1 Pages
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics
Description micro:bit Battery Holder - 2xAA (JST-PH)

PRT-14299 Datasheet (PDF)

Go To PDF Page Download Datasheet
PRT-14299 Datasheet PDF - SparkFun Electronics

Part # PRT-14299
Download  PRT-14299 Click to download

File Size   78.45 Kbytes
Page   1 Pages
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics
Description micro:bit Battery Holder - 2xAA (JST-PH)

PRT-14299 Datasheet (HTML) - SparkFun Electronics




Similar Part No. - PRT-14299

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
PRT-14272 SPARKFUN-PRT-14272 Datasheet
173Kb / 2P
Raspberry Pi Zero Camera Cable
7??1??7
PRT-14284 SPARKFUN-PRT-14284 Datasheet
102Kb / 1P
Jumper Wires Premium 4 M/M - 26 AWG (30 Pack)
6/5/2017
More results


Similar Description - PRT-14299

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
A2530R24A-LPZ ANAREN-A2530R24A-LPZ Datasheet
901Kb / 2P
Includes one 2xAA Battery Holder for remote operation
logo
Adam Technologies, Inc.
BH-02-2 ADAM-TECH-BH-02-2 Datasheet
78Kb / 1P
BATTERY HOLDER
BH-03-2 ADAM-TECH-BH-03-2 Datasheet
136Kb / 1P
BATTERY HOLDER
BH-04-4 ADAM-TECH-BH-04-4 Datasheet
81Kb / 1P
BATTERY HOLDER
logo
SparkFun Electronics
PRT-09925 SPARKFUN-PRT-09925 Datasheet
124Kb / 1P
Battery Holder 2xAA with Cover and Switch - JST Connector
PRT-14707 SPARKFUN-PRT-14707 Datasheet
74Kb / 1P
JST-PH Male to JST-SM Female Adapter
8????8
PRT-14708 SPARKFUN-PRT-14708 Datasheet
200Kb / 1P
JST PH Female to JST SM Male Adapter
8-6-18
PRT-14998 SPARKFUN-PRT-14998 Datasheet
82Kb / 1P
JST-PH Male to JST-SM Male Adapter - 100mm
11????8
PRT-14999 SPARKFUN-PRT-14999 Datasheet
106Kb / 2P
JST-PH Female to JST-SM Female Adapter - 100mm
11????8
PRT-15101 SPARKFUN-PRT-15101 Datasheet
115Kb / 2P
micro:bit Battery Holder - 2xAAA (JST-PH)
12??8??8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com