Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2002-1492 Datasheet (PDF) - WAGO Kontakttechnik GmbH & Co. KG

2002-1492 Datasheet PDF - WAGO Kontakttechnik GmbH & Co. KG
Part # 2002-1492
Download  2002-1492 Download
File Size   101.3 Kbytes
Page   3 Pages
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG
Description End and intermediate plate; 0.8 mm thick; orange

2002-1492 Datasheet (PDF)

Go To PDF Page Download Datasheet
2002-1492 Datasheet PDF - WAGO Kontakttechnik GmbH & Co. KG

Part # 2002-1492
Download  2002-1492 Click to download

File Size   101.3 Kbytes
Page   3 Pages
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG
Description End and intermediate plate; 0.8 mm thick; orange

2002-1492 Datasheet (HTML) - WAGO Kontakttechnik GmbH & Co. KG




Similar Part No. - 2002-1492

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2002-1491 WAGO-2002-1491 Datasheet
56Kb / 3P
End and intermediate plate; 0.8 mm thick; gray
24.11.2021
2002-1493 WAGO-2002-1493 Datasheet
112Kb / 3P
Seperator plate; 2 mm thick; oversized; gray
24.11.2021
2002-1494 WAGO-2002-1494 Datasheet
144Kb / 3P
Seperator plate; 2 mm thick; oversized; orange
24.11.2021
More results


Similar Description - 2002-1492

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2002-1892 WAGO-2002-1892 Datasheet
61Kb / 3P
End and intermediate plate; 1 mm thick; orange
24.11.2021
2002-2292 WAGO-2002-2292 Datasheet
63Kb / 3P
End and intermediate plate; 0.8 mm thick; orange
24.11.2021
2002-2492 WAGO-2002-2492 Datasheet
104Kb / 3P
End and intermediate plate; 0.8 mm thick; orange
24.11.2021
2002-2992 WAGO-2002-2992 Datasheet
69Kb / 3P
End and intermediate plate; 1 mm thick; orange
24.11.2021
2002-3292 WAGO-2002-3292 Datasheet
63Kb / 3P
End and intermediate plate; 0.8 mm thick; orange
24.11.2021
2002-1292 WAGO-2002-1292 Datasheet
113Kb / 3P
End and intermediate plate; 0.8 mm thick; orange
24.11.2021
2002-1392 WAGO-2002-1392 Datasheet
107Kb / 3P
End and intermediate plate; 0.8 mm thick; orange
24.11.2021
2002-1692 WAGO-2002-1692 Datasheet
61Kb / 3P
End and intermediate plate; 1 mm thick; orange
24.11.2021
2116-1292 WAGO-2116-1292 Datasheet
116Kb / 3P
End and intermediate plate; 1 mm thick; orange
24.11.2021
2102-1292 WAGO-2102-1292 Datasheet
131Kb / 3P
End and intermediate plate; 0.8 mm thick; orange
24.11.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com