Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-868-CPA Datasheet (PDF) - Linx Technologies

ANT-868-CPA Datasheet PDF - Linx Technologies
Part # ANT-868-CPA
Download  ANT-868-CPA Download
File Size   613.41 Kbytes
Page   6 Pages
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies
Description 868 MHz Directional Embedded Ceramic Patch Antenna

ANT-868-CPA Datasheet (PDF)

Go To PDF Page Download Datasheet
ANT-868-CPA Datasheet PDF - Linx Technologies

Part # ANT-868-CPA
Download  ANT-868-CPA Click to download

File Size   613.41 Kbytes
Page   6 Pages
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies
Description 868 MHz Directional Embedded Ceramic Patch Antenna

ANT-868-CPA Datasheet (HTML) - Linx Technologies




Similar Part No. - ANT-868-CPA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-868-CHP-x ETC2-ANT-868-CHP-x Datasheet
218Kb / 1P
ULTRA COMPACT CHIP ANTENNA
ANT-868-CW-HD ETC2-ANT-868-CW-HD Datasheet
152Kb / 1P
Part 15 compliant RP-SMA connector
logo
Linx Technologies
ANT-868-CW-HD-SMA LINX-ANT-868-CW-HD-SMA Datasheet
346Kb / 2P
Standard SMA connector
5/16/14
logo
List of Unclassifed Man...
ANT-868-CW-HW ETC2-ANT-868-CW-HW Datasheet
161Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
logo
Linx Technologies
ANT-868-CW-HW LINX-ANT-868-CW-HW Datasheet
332Kb / 2P
Rugged & damage-resistant
11/18/13
More results


Similar Description - ANT-868-CPA

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3013 PULSE-W3013 Datasheet
1Mb / 5P
ISM 868 MHz Ceramic Antenna
logo
Unictron Technologies C...
H2U64U1H2B0200 UNICTRON-H2U64U1H2B0200 Datasheet
824Kb / 16P
ISM 868 MHz Ceramic Chip Antenna
logo
Abracon Corporation
ACAG1204-868-EVB ABRACON-ACAG1204-868-EVB Datasheet
1Mb / 4P
868 MHz Ceramic Chip Antenna Evaluation Board
08-20-19
ACAG1204-868-T ABRACON-ACAG1204-868-T Datasheet
1Mb / 4P
868 MHz Ceramic Chip Antenna
11.12.2018
logo
Linx Technologies
ANT-868-HETH LINX-ANT-868-HETH Datasheet
1Mb / 10P
868 MHz Helical Antenna
2021
ANT-868-VHETH LINX-ANT-868-VHETH Datasheet
882Kb / 10P
868 MHz Helical Antenna
2021
ANT-915-CPA LINX-ANT-915-CPA Datasheet
556Kb / 6P
915 MHz Directional Embedded Ceramic Patch Antenna
2019
OC-LG LINX-OC-LG Datasheet
1Mb / 8P
868 MHz LPWA Antenna
2020
logo
Abracon Corporation
PRO-OB-471 ABRACON-PRO-OB-471 Datasheet
1Mb / 18P
OnBoard 868/915/8682400 MHz - Antenna
logo
AVX Corporation
M620720 AVX-M620720 Datasheet
503Kb / 7P
ISM 868 & 915 MHz Embedded Ceramic Antenna
11/15/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com