Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROB-12248 Datasheet (PDF) - SparkFun Electronics

ROB-12248 Datasheet PDF - SparkFun Electronics
Part # ROB-12248
Download  ROB-12248 Download
File Size   96.14 Kbytes
Page   1 Pages
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics
Description Gear - Pinion Gear (16T; 6mm Bore)

ROB-12248 Datasheet (PDF)

Go To PDF Page Download Datasheet
ROB-12248 Datasheet PDF - SparkFun Electronics

Part # ROB-12248
Download  ROB-12248 Click to download

File Size   96.14 Kbytes
Page   1 Pages
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics
Description Gear - Pinion Gear (16T; 6mm Bore)

ROB-12248 Datasheet (HTML) - SparkFun Electronics




Similar Part No. - ROB-12248

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12240 SPARKFUN-ROB-12240 Datasheet
105Kb / 1P
Sprocket - Hub Mount (0.25, 32T; 0.5 Bore)
2/12/2016
ROB-12241 SPARKFUN-ROB-12241 Datasheet
94Kb / 1P
Precision Disc Wheel - 4 (Red, 2 Pack)
2/12/2016
ROB-12242 SPARKFUN-ROB-12242 Datasheet
92Kb / 1P
Shaft - Solid (Stainless; 3/8D x 6L)
2/11/2016
ROB-12244 SPARKFUN-ROB-12244 Datasheet
93Kb / 1P
Shaft Coupler - 1/4 to 1/8
1/15/2016
ROB-12245 SPARKFUN-ROB-12245 Datasheet
98Kb / 1P
Ball Bearing Hub
2/4/2016
More results


Similar Description - ROB-12248

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12111 SPARKFUN-ROB-12111 Datasheet
95Kb / 1P
Gear - Pinion Gear (20T; 6mm Bore)
1/15/2016
ROB-12140 SPARKFUN-ROB-12140 Datasheet
98Kb / 1P
Gear - Pinion Gear (32T; 6mm Bore)
1/15/2016
ROB-12158 SPARKFUN-ROB-12158 Datasheet
96Kb / 1P
Gear - Pinion Gear (16T; 0.25 Bore)
1/15/2016
ROB-12225 SPARKFUN-ROB-12225 Datasheet
97Kb / 1P
Gear - Pinion Gear (24T; 0.25 Bore)
1/18/2016
ROB-12389 SPARKFUN-ROB-12389 Datasheet
95Kb / 1P
Servo Gear - Hitec (16T; Metal)
1/15/2016
ROB-12418 SPARKFUN-ROB-12418 Datasheet
94Kb / 1P
Gear - Pinion Gear (24T; 6mm Bore)
1/18/2016
ROB-12417 SPARKFUN-ROB-12417 Datasheet
101Kb / 1P
Timing Pulley - Shaft Mount (16T; 6mm Bore)
2/10/2016
ROB-12440 SPARKFUN-ROB-12440 Datasheet
95Kb / 1P
Servo Gear - Futaba (16T; Metal)
1/15/2016
ROB-12476 SPARKFUN-ROB-12476 Datasheet
97Kb / 1P
Gear - Pinion Gear (32T; 0.25 Bore)
1/18/2016
ROB-12529 SPARKFUN-ROB-12529 Datasheet
97Kb / 1P
Gear - Pinion Gear (20T; 0.25 Bore)
2/3/2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com