Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ON3732A Datasheet (PDF) - Panasonic Semiconductor

ON3732A Datasheet PDF - Panasonic Semiconductor
Part # ON3732A
Download  ON3732A Download
File Size   77.58 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Optoisolators

ON3732A Datasheet (PDF)

Go To PDF Page Download Datasheet
ON3732A Datasheet PDF - Panasonic Semiconductor

Part # ON3732A
Download  ON3732A Click to download

File Size   77.58 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Optoisolators

ON3732A Datasheet (HTML) - Panasonic Semiconductor


ON3732A Product details

Overview

The CNZ3731 series of optoisolators consist of a GaAs infrared LED which is optically coupled with a Si NPN Darlington phototransistor, and housed in a small DIL package. The series provides high I/O isolation voltage and high collector/emitter isolation voltage, as well as a high current transfer ratio (CTR). This opto isolator series also includes the two-channel CNC7C501 and the four channel CNZ3734, and A type of these models with increased collector to emitter breakdown voltage (VCEO> 350V).



Features

High collector to emitter breakdown voltage : VCEO> 300 V, A type : VCEO> 350 V

High current transfer ratio with Darlington phototransistor output: CTR = 4000% (typ.)

High I/O isolation voltage : VISO ≥5000 Vrms

Small DIL package for saving mounting space

A-type models have a guaranteed internal insulating distance of 0.4 mm



Applications

Telephones

Telephone exchange

FAX

Programmable controllers

Signal transfer between circuits with different potentials and impedances




Similar Part No. - ON3732A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ON3131 PANASONIC-ON3131 Datasheet
91Kb / 4P
Optoisolators
ON3132 PANASONIC-ON3132 Datasheet
91Kb / 4P
Optoisolators
ON3133 PANASONIC-ON3133 Datasheet
91Kb / 4P
Optoisolators
ON3134 PANASONIC-ON3134 Datasheet
91Kb / 4P
Optoisolators
ON3171 PANASONIC-ON3171 Datasheet
53Kb / 3P
Optoisolator(For isolated signal transmission)
More results


Similar Description - ON3732A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNC1S101 PANASONIC-CNC1S101 Datasheet
91Kb / 4P
Optoisolators
CNC7S101 PANASONIC-CNC7S101 Datasheet
92Kb / 4P
Optoisolators
CNC7S102 PANASONIC-CNC7S102 Datasheet
28Kb / 1P
Optoisolators
logo
Texas Instruments
MOC3020 TI-MOC3020 Datasheet
132Kb / 7P
OPTOCOUPLERS/OPTOISOLATORS
HCPL2530 TI-HCPL2530 Datasheet
582Kb / 12P
OPTOCOUPLERS/OPTOISOLATORS
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
OPTOCOUPLERS/OPTOISOLATORS
logo
Panasonic Semiconductor
CNC7H001 PANASONIC-CNC7H001 Datasheet
83Kb / 4P
Optoisolators (Photocouplers)
logo
Texas Instruments
TIL189-1 TI-TIL189-1 Datasheet
305Kb / 9P
OPTOCOUPLERS/OPTOISOLATORS
MOC3009 TI-MOC3009 Datasheet
96Kb / 7P
OPTOCOUPLERS/OPTOISOLATORS
logo
NXP Semiconductors
ECG3040 PHILIPS-ECG3040 Datasheet
2Mb / 3P
Optoisolators
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com