Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJUSB208 Datasheet (PDF) - Pan Jit International Inc.

PJUSB208 Datasheet PDF - Pan Jit International Inc.
Part # PJUSB208
Download  PJUSB208 Download
File Size   66.83 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description Low Capacitance Diode Array

PJUSB208 Datasheet (PDF)

Go To PDF Page Download Datasheet
PJUSB208 Datasheet PDF - Pan Jit International Inc.

Part # PJUSB208
Download  PJUSB208 Click to download

File Size   66.83 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description Low Capacitance Diode Array

PJUSB208 Datasheet (HTML) - Pan Jit International Inc.


PJUSB208 Product details

Voltage 70 V

Features
● Low leakage current, maximum of 0.1 μA at rated voltage
● IEC61000-4-2 ESD 15kV Air, 8kV Contact compliance
● Flammability rating UL94V-0
● Lead free in compliance with EU RoHS 2011/65/EU directive
● Green molding compound as per IEC61249 Std..
   (Halogen Free)

Applications
● USB 2.0 and Firewire Port Protection
● LAN / WLAN Access Point terminals
● Video Signal Line Protection

Mechanical Data
● Case: Molded plastic, SOT-23 6L
● Terminals: Solderable per MIL-STD-750, Method 2026
● Approx. Weight: 0.0005 ounces, 0.014 grams




Similar Part No. - PJUSB208

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJUSB208 PANJIT-PJUSB208 Datasheet
451Kb / 4P
Low Capacitance Diode Array
PJUSB208-AU PANJIT-PJUSB208-AU Datasheet
309Kb / 6P
LOW CAPACITANCE DIODE ARRAY
PJUSB208-AU_A0_00001 PANJIT-PJUSB208-AU_A0_00001 Datasheet
309Kb / 6P
LOW CAPACITANCE DIODE ARRAY
PJUSB208-AU_A0_10001 PANJIT-PJUSB208-AU_A0_10001 Datasheet
309Kb / 6P
LOW CAPACITANCE DIODE ARRAY
PJUSB208-AU_A1_00001 PANJIT-PJUSB208-AU_A1_00001 Datasheet
309Kb / 6P
LOW CAPACITANCE DIODE ARRAY
More results


Similar Description - PJUSB208

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DALC208SC6 STMICROELECTRONICS-DALC208SC6 Datasheet
164Kb / 10P
LOW CAPACITANCE DIODE ARRAY
02-Apr-1000
logo
Pan Jit International I...
PJSR70 PANJIT-PJSR70 Datasheet
72Kb / 3P
Low Capacitance Diode Array
PJUSB208 PANJIT-PJUSB208_06 Datasheet
83Kb / 3P
Low Capacitance Diode Array
PJUSB208_0610 PANJIT-PJUSB208_0610 Datasheet
451Kb / 4P
Low Capacitance Diode Array
logo
STMicroelectronics
DALC208 STMICROELECTRONICS-DALC208 Datasheet
185Kb / 14P
Low capacitance diode array
20-Mar-2008
logo
Pan Jit International I...
PJUSB208DW PANJIT-PJUSB208DW Datasheet
249Kb / 6P
LOW CAPACITANCE DIODE ARRAY
PJUSB208-AU PANJIT-PJUSB208-AU Datasheet
309Kb / 6P
LOW CAPACITANCE DIODE ARRAY
logo
ON Semiconductor
NUP4304MR6 ONSEMI-NUP4304MR6_12 Datasheet
141Kb / 6P
Low Capacitance Diode Array
January, 2012 ??Rev. 4
NUP4301MR6 ONSEMI-NUP4301MR6 Datasheet
57Kb / 4P
Low Capacitance Diode Array
September, 2014 ??Rev. 7
logo
Pan Jit International I...
PE9180C1A-AU PANJIT-PE9180C1A-AU Datasheet
226Kb / 5P
Low Capacitance Diode Array
October 6,2022 PE9180C1A-AU-REV.00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com