Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROB-12268 Datasheet (PDF) - SparkFun Electronics

ROB-12268 Datasheet PDF - SparkFun Electronics
Part # ROB-12268
Download  ROB-12268 Download
File Size   91.56 Kbytes
Page   1 Pages
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics
Description Tube - Aluminum (3/8OD x 6.0L x 0.30ID)

ROB-12268 Datasheet (PDF)

Go To PDF Page Download Datasheet
ROB-12268 Datasheet PDF - SparkFun Electronics

Part # ROB-12268
Download  ROB-12268 Click to download

File Size   91.56 Kbytes
Page   1 Pages
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics
Description Tube - Aluminum (3/8OD x 6.0L x 0.30ID)

ROB-12268 Datasheet (HTML) - SparkFun Electronics




Similar Part No. - ROB-12268

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12260 SPARKFUN-ROB-12260 Datasheet
94Kb / 1P
Bearing Mount - Flat (3/8 Bore)
1/15/2016
ROB-12261 SPARKFUN-ROB-12261 Datasheet
100Kb / 1P
Gear - Hub Mount (80T; 0.5 Bore)
1/18/2016
ROB-12262 SPARKFUN-ROB-12262 Datasheet
175Kb / 1P
Standard Gearmotor - 3 RPM (3-12V)
11/24/2015
ROB-12263 SPARKFUN-ROB-12263 Datasheet
91Kb / 1P
Shaft - Solid (Stainless; 1/2D x 1L)
2/11/2016
ROB-12264 SPARKFUN-ROB-12264 Datasheet
95Kb / 1P
Clamping Hub - 6mm Bore
2/3/2016
More results


Similar Description - ROB-12268

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12101 SPARKFUN-ROB-12101 Datasheet
91Kb / 1P
Tube - Aluminum (3/8OD x 8.0L x 0.30ID)
8/5/2016
ROB-12215 SPARKFUN-ROB-12215 Datasheet
112Kb / 1P
Tube - Aluminum (3/8OD x 10L x 0.30ID)
8/4/2016
ROB-12236 SPARKFUN-ROB-12236 Datasheet
135Kb / 1P
Tubing - Aluminum (5/8OD x 6.0L x 0.569ID)
8/3/2016
ROB-12254 SPARKFUN-ROB-12254 Datasheet
122Kb / 1P
Tubing - Aluminum (5/8OD x 10L x 0.569ID)
8/4/2016
ROB-12279 SPARKFUN-ROB-12279 Datasheet
147Kb / 1P
Tube - Aluminum (3/8OD x 2.0L x 0.30ID)
8/4/2016
ROB-12311 SPARKFUN-ROB-12311 Datasheet
124Kb / 1P
Tube - Aluminum (3/8OD x 4.0L x 0.30ID)
8/4/2016
ROB-12324 SPARKFUN-ROB-12324 Datasheet
123Kb / 1P
Tube - Aluminum (1/2OD x 6.0L x 0.444ID)
8/4/2016
ROB-12337 SPARKFUN-ROB-12337 Datasheet
148Kb / 1P
Tube - Stainless (1OD x 6.0L x 0.88ID)
8/4/2016
ROB-12346 SPARKFUN-ROB-12346 Datasheet
90Kb / 1P
Tube - Aluminum (3/8OD x 12L x 0.30ID)
8/3/2016
ROB-12538 SPARKFUN-ROB-12538 Datasheet
92Kb / 1P
Tube - Aluminum (1OD x 6.0L x 0.82ID)
8/3/2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com